Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1567 Datasheet(PDF) 6 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1567
Description  SIM Card Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1567 Datasheet(HTML) 6 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO1567 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
DIO1567
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO1567• Rev. 2.1
AC Electrical Characteristics
All typical value are for VCC = 3.3V at 25°C unless otherwise specified.
Symbol
Parameter
Conditions
VCC(V)
Temp.
Min.
Typ.
Max.
Unit
tOND
Turn-On time
(DAT, CLK, RST)
RL=50Ω, CL=35pF,
VSW=1.5V
2.7 to 3.6
-40 to 85°C
57
ns
tOFFD
Turn-Off time
(DAT, CLK, RST)
RL=50Ω, CL=35pF,
VSW=1.5V
2.7 to 3.6
-40 to 85°C
55
ns
tONS
Turn-On time
(SIM)
RL=50Ω, CL=35pF,
VSW=1.5V
2.7 to 3.6
-40 to 85°C
57
ns
tOFFS
Turn-Off time
(SIM)
RL=50Ω, CL=35pF,
VSW=1.5V
2.7 to 3.6
-40 to 85°C
55
ns
tBBMD
Break-Before-Make
RL=50Ω, CL=35pF,
VSW=1.5V
2.7 to 3.6
25°C
38
ns
tPD
Propagation delay
(DAT, CLK, RST)
RL=50Ω, CL=35pF
3.3
25°C
0.5
ns
OIRR
Off Isolation
(DAT, CLK, RST)
RL=50Ω, f=10MHz,
2.7 to 3.6
25°C
-52
dB
Xtalk
Non-Adjacent
Channel Crosstalk
(DAT, CLK, RST)
RL=50Ω, f=10MHz
2.7 to 3.6
25°C
-75
dB
BW
-3dB bandwidth
(DAT, CLK, RST)
RL=50Ω, CL=5pF,
2.7 to 3.6
25°C
200
MHz
-3dB bandwidth
(SIM)
RL=50Ω, CL=5pF,
2.7 to 3.6
25°C
37
MHz
Specifications subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com