Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO1567 Datasheet(PDF) 1 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO1567
Description  SIM Card Analog Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO1567 Datasheet(HTML) 1 Page - DIOO MICROCIRCUITS CO., LTD

  DIO1567 Datasheet HTML 1Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 2Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIO1567 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Rev 2.1
www.dioo.com
© 2022 DIOO MICROCIRCUITS CO., LTD
DIO1567• Rev. 2.1
DIO1567
Low Power, Dual SIM Card Analog Switch
Features
Switch type: SPDT(4X)
Voltage operation: 1.6V to 4.5V
Low on resistance: 0.65Ω at SIM path;
2.7Ω at other path
Bandwidth >200MHz
10pF CON at DAT/CLK/RST path
Low power consumption
Packaged: 16-Lead QFN1.8*2.6 and
16-Lead QFN3*3
6kV HBM ESD
Applications
Cell-Phone/PDA
Set-Top Box
Digital Camera
Notebook
TV/ LCD Monitor
Descriptions
The
DIO1567
is
a
quad
Single-Pole,
Double-Throw (SPDT) analog switch targeted at
dual SIM card multiplexing. DIO1567 operates
from a single 1.6V to 4.5V supply and features an
ultra-low on resistance of 0.65Ω at SIM path to
ensure minimal voltage drop in other path. This
device is fabricated with sub-micron CMOS
technology to achieve fast switching speeds and
is designed for break-before-make operation.
DIO1567 features very low quiescent current
even when the control voltage is lower than the
VCC supply. This allows mobile handset
applications direct interface with the baseband
processor general-purpose I/Os.
DIO1567 provides two packages with Green
QFN1.8*2.6-16 and QFN3*3-16.
Block Diagram
Ordering Information
Order Part
Number
Top Marking
TA
Package
DIO1567LN16
D15
Green
-40 to 85°C
QFN1.8*2.6-16
Tape & Reel, 3000
DIO1567CL16
D1567
Green
-40 to 85°C
QFN3*3-16
Tape & Reel, 5000


Similar Part No. - DIO1567

ManufacturerPart #DatasheetDescription
logo
DIOO MICROCIRCUITS CO.,...
DIO1510 DIOO-DIO1510 Datasheet
1Mb / 10P
Handling Capability
Rev 1.5
DIO1510SC6 DIOO-DIO1510SC6 Datasheet
1Mb / 10P
Handling Capability
Rev 1.5
DIO1520 DIOO-DIO1520 Datasheet
1Mb / 10P
Analog Switch
Rev 2.7
DIO1520B DIOO-DIO1520B Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
DIO1520BLP10 DIOO-DIO1520BLP10 Datasheet
1Mb / 10P
Analog Switch
Rev 1.2
More results

Similar Description - DIO1567

ManufacturerPart #DatasheetDescription
logo
FCI connector
7111S1615A01 FCI-CONNECTOR-7111S1615A01 Datasheet
87Kb / 1P
SIM CARD CONNECTOR with switch
logo
Fairchild Semiconductor
FSA2567 FAIRCHILD-FSA2567 Datasheet
389Kb / 2P
Low-Power, Dual SIM Card Analog Switch
FSA2567_0711 FAIRCHILD-FSA2567_0711 Datasheet
378Kb / 2P
Low-Power, Dual SIM Card Analog Switch
logo
Integrated Device Techn...
IDTHS421V16 IDT-IDTHS421V16 Datasheet
254Kb / 12P
LOW POWER, DUAL SIM CARD HYBRID SWITCH
logo
Fairchild Semiconductor
FSA2866 FAIRCHILD-FSA2866 Datasheet
617Kb / 3P
Dual-Host / Dual-SIM Card Crosspoint Analog Switch
logo
Amphenol Corporation
101-00271-82 AMPHENOL-101-00271-82 Datasheet
148Kb / 1P
SIM CARD READER 8PIN(PUCH/PCH)WITH SWITCH
logo
ON Semiconductor
FSA2567 ONSEMI-FSA2567 Datasheet
291Kb / 12P
Low-Power, Dual SIM Card Analog Switch
Nov ember-2017, Rev . 2
FSA2866 ONSEMI-FSA2866 Datasheet
709Kb / 11P
Dual-Host / Dual-SIM Card Crosspoint Analog Switch
May 2011 Rev. 1.0.0
logo
NimbeLink Corp.
NL-SIM-ATT-CTRI NIMBELINK-NL-SIM-ATT-CTRI Datasheet
1Mb / 6P
SIM Card
May 2019
NL-SIM-VOD NIMBELINK-NL-SIM-VOD Datasheet
518Kb / 6P
SIM Card
Rev.02 March 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com