Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2240CTP8 Datasheet(PDF) 15 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240CTP8
Description  Enhanced PWM Rejection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2240CTP8 Datasheet(HTML) 15 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2240CTP8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
DIO2240
Version 1.2, Jan 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
11
9.3.3. Reference pin connections for bidirectional current measurements
For bidirectional operation, the current measurements is conducted through a resistive shunt in two
directions. In this operation, the output voltage can be set anywhere within the reference input limits.
Commonly, set the reference inputs at half-scale for equal range in both directions. However, if the
bidirectional current is non-symmetrical, the reference inputs can be set to a voltage other than half-scale.
In the condition of shorted input pins or a 0 V differential input, connect both reference pins together and
then to a reference voltage, which results in an output voltage equal to the reference voltage (see Figure
14). If the IN+ pin is negative relative to the IN– pin, the output voltage drops below the reference voltage;
when if IN+ pin is positive relative to the IN– pin, the output voltage increases. This is the most accurate
way to bias the output to a precise voltage.
Figure 14. External reference output
In the condition of no differential input, connect one reference pin to VS and the other to the GND pin, which
sets an output at half of the supply (see Figure 15). It creates a ratiometric offset to the supply voltage,
where the output voltage remains at VS / 2 for 0 V applied to the inputs.
Figure 15. Midsupply voltage output
For output set to mid-external reference, an external reference is divided by two through connecting one
reference pin to ground and the other reference pin to the reference (see Figure 16).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com