Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2240CTP8 Datasheet(PDF) 19 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240CTP8
Description  Enhanced PWM Rejection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2240CTP8 Datasheet(HTML) 19 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2240CTP8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
DIO2240
Version 1.2, Jan 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
15
Table 3 provides the examples of gain error factor and gain error for different resistor values.
Table 3. Gain error factor and gain error (external input resistors)
External Resistance (Ω)
Gain Error Factor
Gain Error (%)
5
0.998
0.17
10
0.997
0.33
100
0.968
3.23
10.2. Typical application for inline motor current-sensing
Figure 19. Inline motor application circuit
In motor control, inline current sensing has many advantages, such as torque ripple reduction and real-time
motor health monitoring. However, the full-scale PWM voltage requirements for inline current
measurements bring challenges to the accurate current measuring. Switching frequencies in the range of
50 kHz to 100 kHz generate higher ΔV/Δt signal transitions, which must be addressed to obtain accurate
inline current measurements.
The DIO2240 provides performance for a wide range of common-mode voltages with a superior
common-mode rejection capability, high precision, and a high common-mode specification.
For inline motor current-sense application, the DIO2240 measures current with a 36 V, 4000 RPM motor.
To demonstrate the device performance, the DIO2240A with a gain of 20 V/V was selected for this design
and powered from a 5 V supply.
As mentioned before, the reference point is set to mid-scale by splitting the supply with one reference pin
connected to ground and the other one connected to supply, which allows for bipolar current measurements.
Alternatively, the reference pins can be connected together and driven with an external precision reference.
The output of the DIO2240 is not saturated because of the sized current-sensing resistor. To keep the
analog input within the device limits, select a value of 100 mΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com