Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DIO2240CTP8 Datasheet(PDF) 18 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIO2240CTP8
Description  Enhanced PWM Rejection
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIO2240CTP8 Datasheet(HTML) 18 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIO2240CTP8 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIO2240CTP8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
DIO2240
Version 1.2, Jan 2026
www.dioo.com
© 2026 Dioo Microcircuits Co., Ltd. Jiangsu
14
10.Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
The DIO2240 measures the voltage developed as current flows across the current-sensing resistor. The
two reference pins can be used to configure either unidirectional operation or bidirectional operation. For
inline motor current sense, it is commonly configured for bidirectional operation.
10.1. Input filtering
It does not require input filters for accurate measurements using the DIO2240. It is not recommended to
use filters in this location. If filter components are used on the input of the amplifier, please refer to the
guidelines below in order to minimize the effects on performance.
External filtering of the current signal could be desired based strictly on user design requirements. Placing
the filter at the output of the current amplifier should be the first consideration. Although this location meets
the filtering requirements, it changes the low output impedance measured by any circuitry connected to the
output voltage pin. The other location for filter is at the current amplifier input pins (see Figure 18), which
also meets the filtering requirements, but the components must be carefully chosen to minimize the effects
on performance.
Figure 18. Filter at input pins
To reduce the accuracy loss, keep the value of these series resistors no more than 10 Ω as external series
resistance provide a source of additional measurement error.
To calculate the measurement error expected from the additional external filter resistors, refer to Equation
(1).
r)
Facto
Error
Gain
(100
-
100
%
Error
Gain
×
=
(1)
To calculate the gain error factor by the additional external series resistance, refer to Equation (2).
3000
R
3000
Factor
Error
Gain
S
+
=
(2)
Where:
RS is the external filter resistance value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com