| Electronic Components Datasheet Search |
|
DIO2240CTP8 Datasheet(PDF) 16 Page - DIOO MICROCIRCUITS CO., LTD |
|
|
|||||||||||||||||||||||||||||
DIO2240CTP8 Datasheet(HTML) 16 Page - DIOO MICROCIRCUITS CO., LTD |
|
16 / 24 page ![]() DIO2240 Version 1.2, Jan 2026 www.dioo.com © 2026 Dioo Microcircuits Co., Ltd. Jiangsu 12 Figure 16. Mid-external reference output With two reference pins, the midpoint of the output voltage can be adjusted for system circuitry connections to analog to digital converters (ADCs) or other amplifiers. The reference pins can be connected directly to supply, ground, or a low-impedance reference voltage. The reference pins can be connected together and biased by using a resistor divider to achieve a custom output voltage. Please use the output as a differential signal with respect to the resistor divider voltage when the amplifier is used in this configuration (see Figure 17). Because the internal impedance shifts can adversely affect device performance, it is not recommended to use of the amplifier output as a single-ended signal in this configuration. Figure 17. Setting the reference with a resistor divider 9.3.4. Calculating total error The typical individual errors are mentioned in the EC table, such as gain error, offset error and nonlinearity error. However, total error, which includes all of the individual error components, is not shown in the EC table. To calculate the error accurately, the operating conditions of the device should be considered firstly. For some current shunt monitors, a total error in shown in the product data sheet. However, specifying such total error has little practical value because this total error term is accurate under only one particular set of operating conditions. It means that any deviation from these specific operating conditions will change the total error value. For the device under normal operating conditions, this section will discuss the individual error sources and how to apply them to calculate the total error value. The typical error sources that have the largest impact on the total error of the device are input offset voltage, |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |