Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR128EB Datasheet(PDF) 52 Page - STMicroelectronics

Part # M58WR128EB
Description  128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR128EB Datasheet(HTML) 52 Page - STMicroelectronics

Back Button M58WR128EB Datasheet HTML 48Page - STMicroelectronics M58WR128EB Datasheet HTML 49Page - STMicroelectronics M58WR128EB Datasheet HTML 50Page - STMicroelectronics M58WR128EB Datasheet HTML 51Page - STMicroelectronics M58WR128EB Datasheet HTML 52Page - STMicroelectronics M58WR128EB Datasheet HTML 53Page - STMicroelectronics M58WR128EB Datasheet HTML 54Page - STMicroelectronics M58WR128EB Datasheet HTML 55Page - STMicroelectronics M58WR128EB Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 87 page
background image
M58WR128ET, M58WR128EB
52/87
Table 23. Write AC Characteristics, Chip Enable Controlled
Note: 1. Sampled only, not 100% tested.
2. tWHEL has the values shown when reading in the targeted bank. System designers should take this into account and may insert a
software No-Op instruction to delay the first read in the same bank after issuing a command. If it is a Read Array operation in a
different bank tWHEL is 0ns.
Symbol
Alt
Parameter
M58WR128E
Unit
70
80
100
tAVAV
tWC
Address Valid to Next Address Valid
Min
70
80
100
ns
tAVEH
tWC
Address Valid to Chip Enable High
Min
45
50
50
ns
tAVLH
Address Valid to Latch Enable High
Min
9
9
10
ns
tDVEH
tDS
Data Valid to Write Enable High
Min
45
50
50
ns
tEHAX
tAH
Chip Enable High to Address Transition
Min
0
0
0
ns
tEHDX
tDH
Chip Enable High to Input Transition
Min
0
0
0
ns
tEHEL
tWPH
Chip Enable High to Chip Enable Low
Min
25
25
25
ns
tEHGL
Chip Enable High to Output Enable Low
Min
0
0
0
ns
tEHWH
tCH
Chip Enable High to Write Enable High
Min
0
0
0
ns
tELKV
Chip Enable Low to Clock Valid
Min
9
9
9
ns
tELEH
tWP
Chip Enable Low to Chip Enable High
Min
45
50
50
ns
tELLH
Chip Enable Low to Latch Enable High
Min
10
10
10
ns
tELQV
Chip Enable Low to Output Valid
Min
70
80
100
ns
tGHEL
Output Enable High to Chip Enable Low
Min
17
17
20
ns
tLHAX
Latch Enable High to Address Transition
Min
9
9
10
ns
tLLLH
Latch Enable Pulse Width
Min
9
9
10
ns
tWHEL
(2)
Write Enable High to Chip Enable Low
Min
25
25
25
ns
tWHQV
Write Enable High to Output Valid
Min
95
105
125
ns
tWLEL
tCS
Write Enable Low to Chip Enable Low
Min
0
0
0
ns
tEHVPL
Chip Enable High to VPP Low
Min
200
200
200
ns
tEHWPL
Chip Enable High to Write Protect Low
Min
200
200
200
ns
tQVVPL
Output (Status Register) Valid to VPP Low
Min
0
0
0
ns
tQVWPL
Output (Status Register) Valid to Write Protect
Low
Min
0
0
0
ns
tVPHEH
tVPS
VPP High to Chip Enable High
Min
200
200
200
ns
tWPHEH
Write Protect High to Chip Enable High
Min
200
200
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com