Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR128EB Datasheet(PDF) 59 Page - STMicroelectronics

Part # M58WR128EB
Description  128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR128EB Datasheet(HTML) 59 Page - STMicroelectronics

Back Button M58WR128EB Datasheet HTML 55Page - STMicroelectronics M58WR128EB Datasheet HTML 56Page - STMicroelectronics M58WR128EB Datasheet HTML 57Page - STMicroelectronics M58WR128EB Datasheet HTML 58Page - STMicroelectronics M58WR128EB Datasheet HTML 59Page - STMicroelectronics M58WR128EB Datasheet HTML 60Page - STMicroelectronics M58WR128EB Datasheet HTML 61Page - STMicroelectronics M58WR128EB Datasheet HTML 62Page - STMicroelectronics M58WR128EB Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 87 page
background image
59/87
M58WR128ET, M58WR128EB
APPENDIX A. BLOCK ADDRESS TABLES
The following set of equations can be used to calculate a complete set of block addresses using the infor-
mation contained in Tables 28, 29, 30, 31, 32 and 33.
To calculate the Block Base Address from the Block Number:
First it is necessary to calculate the Bank Number and the Block Number Offset. This can be achieved
using the following formulas:
Bank_Number = (Block_Number
− 7) / 8
Block_Number_Offset = Block_Number
− 7 − (Bank_Number x 8)
If the Bank_Number = 0, the Block Base Address can be directly read from Table 28 or Table 31 (Param-
eter Bank Block Addresses) in the Block Number Offset row. Otherwise:
Block_Base_Address = Bank_Base_Address + Block_Address_Offset
To calculate the Bank Number and the Block Number from the Block Base Address:
If the address is in the range of the Parameter Bank, the Bank Number is 0 and the Block Number can be
directly read from Table 28 or Table 31(Parameter Bank Block Addresses), in the row that corresponds to
the address given. Otherwise, the Block Number can be calculated using the formulas below:
For the top configuration (M58WR128ET):
Block_Number = ((NOT address) / 215) + 7
For the bottom configuration (M58WR128EB):
Block_Number = (address / 215) + 7
For both configurations the Bank Number and the Block Number Offset can be calculated using the fol-
lowing formulas:
Bank_Number = (Block_Number
− 7) / 8
Block_Number_Offset = Block_Number
− 7 − (Bank_Number x 8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com