Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR128EB Datasheet(PDF) 60 Page - STMicroelectronics

Part # M58WR128EB
Description  128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR128EB Datasheet(HTML) 60 Page - STMicroelectronics

Back Button M58WR128EB Datasheet HTML 56Page - STMicroelectronics M58WR128EB Datasheet HTML 57Page - STMicroelectronics M58WR128EB Datasheet HTML 58Page - STMicroelectronics M58WR128EB Datasheet HTML 59Page - STMicroelectronics M58WR128EB Datasheet HTML 60Page - STMicroelectronics M58WR128EB Datasheet HTML 61Page - STMicroelectronics M58WR128EB Datasheet HTML 62Page - STMicroelectronics M58WR128EB Datasheet HTML 63Page - STMicroelectronics M58WR128EB Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 87 page
background image
M58WR128ET, M58WR128EB
60/87
Table 28. M58WR128ET - Parameter Bank
Block Addresses
Table 29. M58WR128ET -Main Bank Base
Addresses
Table 30. M58WR128ET - Block Addresses in Main
Banks
Block
Number
Size
Address Range
0
4
7FF000-7FFFFF
1
4
7FE000 - 7FEFFF
2
4
7FD000 - 7FDFFF
3
4
7FC000 - 7FCFFF
4
4
7FB000 - 7FBFFF
5
4
7FA000 - 7FAFFF
6
4
7F9000 - 7F9FFF
7
4
7F8000 - 7F8FFF
8
32
7F0000 - 7F7FFF
9
32
7E8000 - 7EFFFF
10
32
7E0000 - 7E7FFF
11
32
7D8000 - 7DFFFF
12
32
7D0000 - 7D7FFF
13
32
7C8000 - 7CFFFF
14
32
7C0000 - 7C7FFF
Bank
Number
First
Block
Number
Bank Base Address
1
22
780000
2
30
740000
3
38
700000
4
46
6C0000
5
54
680000
6
62
640000
7
70
600000
8
78
5C0000
9
86
580000
10
94
540000
11
104
500000
12
110
4C0000
13
118
480000
14
126
440000
15
134
400000
16
142
3C0000
17
150
380000
18
158
340000
19
166
300000
20
174
2C0000
21
182
280000
22
190
240000
23
198
200000
24
206
1C00000
25
214
180000
26
222
140000
27
230
100000
28
238
0C0000
29
246
080000
30
254
040000
31
262
000000
Block Number
Offset
Block Base Address Offset
0
−038000
1
−030000
2
−028000
3
−020000
4
−018000
5
−010000
6
−008000
7
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com