Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR128EB Datasheet(PDF) 61 Page - STMicroelectronics

Part # M58WR128EB
Description  128 Mbit 8Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR128EB Datasheet(HTML) 61 Page - STMicroelectronics

Back Button M58WR128EB Datasheet HTML 57Page - STMicroelectronics M58WR128EB Datasheet HTML 58Page - STMicroelectronics M58WR128EB Datasheet HTML 59Page - STMicroelectronics M58WR128EB Datasheet HTML 60Page - STMicroelectronics M58WR128EB Datasheet HTML 61Page - STMicroelectronics M58WR128EB Datasheet HTML 62Page - STMicroelectronics M58WR128EB Datasheet HTML 63Page - STMicroelectronics M58WR128EB Datasheet HTML 64Page - STMicroelectronics M58WR128EB Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 87 page
background image
61/87
M58WR128ET, M58WR128EB
Table 31. M58WR128EB - Parameter Bank
Block Addresses
Table 32. M58WR128EB - Main Bank Base
Addresses
Table 33. M58WR128EB - Block Addresses in Main
Banks
Block
Number
Size
Address Range
14
32
038000 - 03FFFF
13
32
030000 - 037FFF
12
32
028000 - 02FFFF
11
32
020000 - 027FFF
10
32
018000 - 01FFFF
9
32
010000 - 017FFF
8
32
008000 - 00FFFF
7
4
007000 - 007FFF
6
4
006000 - 006FFF
5
4
005000 - 005FFF
4
4
004000 - 004FFF
3
4
003000 - 003FFF
2
4
002000 - 002FFF
1
4
001000 - 001FFF
0
4
000000 - 000FFF
Bank
Number
Last
Block
Number
Bank Base Address
31
255
7C0000
30
247
780000
29
239
740000
28
231
700000
27
223
6C0000
26
215
680000
25
207
640000
24
199
600000
23
191
5C0000
22
183
580000
21
175
540000
20
167
500000
19
159
4C0000
18
151
480000
17
143
440000
16
135
400000
15
127
3C0000
14
119
380000
13
111
340000
12
103
300000
11
95
2C0000
10
87
280000
9
79
240000
8
71
200000
7
63
1C0000
6
55
180000
5
47
140000
4
39
100000
3
31
0C0000
2
23
080000
1
15
040000
Block Number Offset
Block Base Address Offset
7
038000
6
030000
5
028000
4
020000
3
018000
2
010000
1
008000
0
000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com