Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032CZC Datasheet(PDF) 24 Page - STMicroelectronics

Part # M59MR032CZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032CZC Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M59MR032CZC Datasheet HTML 20Page - STMicroelectronics M59MR032CZC Datasheet HTML 21Page - STMicroelectronics M59MR032CZC Datasheet HTML 22Page - STMicroelectronics M59MR032CZC Datasheet HTML 23Page - STMicroelectronics M59MR032CZC Datasheet HTML 24Page - STMicroelectronics M59MR032CZC Datasheet HTML 25Page - STMicroelectronics M59MR032CZC Datasheet HTML 26Page - STMicroelectronics M59MR032CZC Datasheet HTML 27Page - STMicroelectronics M59MR032CZC Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 49 page
background image
M59MR032C, M59MR032D
24/49
Table 22. Device Geometry Definition
Offset Word
Mode
Data
Description
27h
0016h
Device Size = 2n in number of bytes
28h
0001h
Flash Device Interface Code description: Asynchronous x16
29h
0000h
2Ah
0000h
Maximum number of bytes in multi-byte program or page = 2n
2Bh
0000h
2Ch
0003h
Number of Erase Block Regions within device
bit 7 to 0 = x = number of Erase Block Regions
Note:1. x = 0 means no erase blocking, i.e. the device erases at once in "bulk."
2. x specifies the number of regions within the device containing one or more
contiguous Erase Blocks of the same size.
For example, a 128KB device
(1Mb) having blocking of 16KB, 8KB, four 2KB, two 16KB, and one 64KB is
considered to have 5 Erase Block Regions.
Even though two regions both
contain 16KB blocks, the fact that they are not contiguous means they are sep-
arate Erase Block Regions.
3. By definition, symmetrically block devices have only one blocking region.
M59MR032C
M59MR032C
Erase Block Region Information
bit 31 to 16 = z, where the Erase Block(s) within this Region are (z) times 256 bytes in
size. The value z = 0 is used for 128 byte block size.
e.g. for 64KB block size, z = 0100h = 256 => 256 * 256 = 64K
bit 15 to 0 = y, where y+1 = Number of Erase Blocks of identical size within the Erase
Block Region:
e.g.
y = D15-D0 = FFFFh => y+1 = 64K blocks [maximum number]
y = 0 means no blocking (# blocks = y+1 = "1 block")
Note: y = 0 value must be used with number of block regions of one as indicated
by (x) = 0
2Dh
002Fh
2Eh
0000h
2Fh
0000h
30h
0001h
31h
000Eh
32h
0000h
33h
0000h
34h
0001h
35h
0007h
36h
0000h
37h
0020h
38h
0000h
M59MR032D
M59MR032D
2Dh
0007h
2Eh
0000h
2Fh
0020h
30h
0000h
31h
000Eh
32h
0000h
33h
0000h
34h
0001h
35h
002Fh
36h
0000h
37h
0000h
38h
0001h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com