Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032CZC Datasheet(PDF) 25 Page - STMicroelectronics

Part # M59MR032CZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032CZC Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M59MR032CZC Datasheet HTML 21Page - STMicroelectronics M59MR032CZC Datasheet HTML 22Page - STMicroelectronics M59MR032CZC Datasheet HTML 23Page - STMicroelectronics M59MR032CZC Datasheet HTML 24Page - STMicroelectronics M59MR032CZC Datasheet HTML 25Page - STMicroelectronics M59MR032CZC Datasheet HTML 26Page - STMicroelectronics M59MR032CZC Datasheet HTML 27Page - STMicroelectronics M59MR032CZC Datasheet HTML 28Page - STMicroelectronics M59MR032CZC Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 49 page
background image
25/49
M59MR032C, M59MR032D
Table 23. Primary Algorithm-Specific Extended Query Table
Offset
Data
Description
(P)h = 39h
0050h
Primary Algorithm extended Query table unique ASCII string “PRI”
0052h
0049h
(P+3)h = 3Ch
0031h
Major version number, ASCII
(P+4)h = 3Dh
0030h
Minor version number, ASCII
(P+5)h = 3Eh
00F2h
Extended Query table contents for Primary Algorithm
bit 10-31
Reserved; undefined bits are ‘0’. If bit 31 is ’1’ then another 31 bit
field of optional features follows at the end of the bit-30 field.
bit 0
Chip Erase supported
(1 = Yes, 0 = No)
bit 1
Suspend Erase supported
(1 = Yes, 0 = No)
bit 2
Suspend Program supported
(1 = Yes, 0 = No)
bit 3
Legacy Lock/Unlock supported
(1 = Yes, 0 = No)
bit 4
Queued Erase supported
(1 = Yes, 0 = No)
bit 5
Instant individual block locking supported
(1 = Yes, 0 = No)
bit 6
Protection bits supported
(1 = Yes, 0 = No)
bit 7
Page-mode read supported
(1 = Yes, 0 = No)
bit 8
Synchronous read supported
(1 = Yes, 0 = No)
bit 9
Simultaneous operation supported
(1 = Yes, 0 = No)
0003h
(P+7)h
0000h
(P+8)h
0000h
(P+9)h = 42h
0001h
Supported Functions after Suspend
Read Array, Read Status Register and CFI Query
bit 0
Program supported after Erase Suspend (1 = Yes, 0 = No)
bit 7 to 1
Reserved; undefined bits are ‘0’
(P+A)h = 43h
0003h
Block Protect Status
Defines which bits in the Block Protect Status Register section of the Query are
implemented.
bit 0
Block Protect Status Register Protect/Unprotect bit active (1 = Yes,
0 = No)
bit 1
Block Lock Status Register Lock-Down bit active (1 = Yes, 0 = No)
bit 15 to 2 Reserved for future use; undefined bits are ‘0’
(P+B)h
0000h
(P+C)h = 45h
0018h
VDD Logic Supply Optimum Program/Erase voltage (highest performance)
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
(P+D)h = 46h
00C0h
VPP Supply Optimum Program/Erase voltage
bit 7 to 4
HEX value in volts
bit 3 to 0
BCD value in 100 mV
(P+E)h = 47h
0000h
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com