Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032CZC Datasheet(PDF) 27 Page - STMicroelectronics

Part # M59MR032CZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032CZC Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M59MR032CZC Datasheet HTML 23Page - STMicroelectronics M59MR032CZC Datasheet HTML 24Page - STMicroelectronics M59MR032CZC Datasheet HTML 25Page - STMicroelectronics M59MR032CZC Datasheet HTML 26Page - STMicroelectronics M59MR032CZC Datasheet HTML 27Page - STMicroelectronics M59MR032CZC Datasheet HTML 28Page - STMicroelectronics M59MR032CZC Datasheet HTML 29Page - STMicroelectronics M59MR032CZC Datasheet HTML 30Page - STMicroelectronics M59MR032CZC Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 49 page
background image
27/49
M59MR032C, M59MR032D
Figure 7. AC Testing Load Circuit
AI90115
VDDQ / 2
OUT
CL = 30pF
CL includes JIG capacitance
3.3k
Ω
1N914
DEVICE
UNDER
TEST
Table 26. AC Measurement Conditions
Input Rise and Fall Times
≤ 4ns
Input Pulse Voltages
0 to VDDQ
Input and Output Timing Ref. Voltages
VDDQ/2
Figure 6. Testing Input/Output Waveforms
AI90114
VDDQ
0V
VDDQ/2
Table 27. Capacitance (1)
(TA = 25 °C, f = 1 MHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
6pF
COUT
Output Capacitance
VOUT = 0V
12
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com