Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M59MR032CZC Datasheet(PDF) 5 Page - STMicroelectronics

Part # M59MR032CZC
Description  32 Mbit 2Mb x16, Mux I/O, Dual Bank, Burst 1.8V Supply Flash Memory
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M59MR032CZC Datasheet(HTML) 5 Page - STMicroelectronics

  M59MR032CZC Datasheet HTML 1Page - STMicroelectronics M59MR032CZC Datasheet HTML 2Page - STMicroelectronics M59MR032CZC Datasheet HTML 3Page - STMicroelectronics M59MR032CZC Datasheet HTML 4Page - STMicroelectronics M59MR032CZC Datasheet HTML 5Page - STMicroelectronics M59MR032CZC Datasheet HTML 6Page - STMicroelectronics M59MR032CZC Datasheet HTML 7Page - STMicroelectronics M59MR032CZC Datasheet HTML 8Page - STMicroelectronics M59MR032CZC Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
5/49
M59MR032C, M59MR032D
Organization
The M59MR032 is organized as 2Mbit by 16 bits.
The first sixteen address lines are multiplexed with
the Data Input/Output signals on the multiplexed
address/data bus ADQ0-ADQ15. The remaining
address lines A16-A20 are the MSB addresses.
Memory control is provided by Chip Enable E, Out-
put Enable G and Write Enable W inputs.
The clock K input synchronizes the memory to the
microprocessor during burst read.
Reset RP is used to reset all the memory circuitry
and to set the chip in power-down mode if this
function is enabled by a proper setting of the Con-
figuration Register. Erase and Program operations
are controlled by an internal Program/Erase Con-
troller (P/E.C.). Status Register data output on
ADQ7 provides a Data Polling signal, ADQ6 and
ADQ2 provide Toggle signals and ADQ5 provides
error bit to indicate the state of the P/E.C opera-
tions. WAIT output indicates to the microprocessor
the status of the memory during the burst mode
operations.
Memory Blocks
The device features asymmetrically blocked archi-
tecture. M59MR032 has an array of 71 blocks and
is divided into two banks A and B, providing Dual
Bank operations. While programming or erasing in
Bank A, read operations are possible into Bank B
or vice versa. The memory also features an erase
suspend allowing to read or program in another
block within the same bank. Once suspended the
erase can be resumed. The Bank Size and Sector-
ization are summarized in Table 8. Parameter
Blocks are located at the top of the memory ad-
dress space for the M59MR032C, and at the bot-
tom for the M59MR032D. The memory maps are
shown in Tables 4, 5, 6 and 7.
The Program and Erase operations are managed
automatically by the P/E.C. Block protection
against Program or Erase provides additional data
security. Instructions are provided to protect or un-
protect any block in the application. A second reg-
ister locks the protection status while WP is low
(see Block Locking description). All blocks are pro-
tected and unlocked at Power-up.
Table 3. Bank Size and Sectorization
Bank Size
Parameter Blocks
Main Blocks
Bank A
8 Mbit
8 blocks of 4 KWord
15 blocks of 32 KWord
Bank B
24 Mbit
-
48 blocks of 32 KWord



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com