Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M58WR064
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M58WR064 Datasheet HTML 13Page - STMicroelectronics M58WR064 Datasheet HTML 14Page - STMicroelectronics M58WR064 Datasheet HTML 15Page - STMicroelectronics M58WR064 Datasheet HTML 16Page - STMicroelectronics M58WR064 Datasheet HTML 17Page - STMicroelectronics M58WR064 Datasheet HTML 18Page - STMicroelectronics M58WR064 Datasheet HTML 19Page - STMicroelectronics M58WR064 Datasheet HTML 20Page - STMicroelectronics M58WR064 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 82 page
background image
17/82
M58WR064ET, M58WR064EB
Table 6. Electronic Signature Codes
Note: CR=Configuration Register.
Figure 5. Security Block and Protection Register Memory Map
Code
Address (h)
Data (h)
Manufacturer Code
Bank Address + 00
0020
Device Code
Top
Bank Address + 01
8810
Bottom
Bank Address + 01
8811
Block Protection
Lock
Block Address + 02
0001
Unlocked
0000
Locked and Locked-Down
0003
Unlocked and Locked-Down
0002
Reserved
Bank Address + 03
Reserved
Configuration Register
Bank Address + 05
CR
Protection Register Lock
ST Factory Default
Bank Address + 80
0006
Security Block Permanently Locked
0002
OTP Area Permanently Locked
0004
Security Block and OTP Area Permanently
Locked
0000
Protection Register
Bank Address + 81
Bank Address + 84
Unique Device
Number
Bank Address + 85
Bank Address + 8C
OTP Area
AI06181
Parameter Block # 0
User Programmable OTP
Unique device number
Protection Register Lock
2
1
0
8Ch
85h
84h
81h
80h
PROTECTION REGISTER
SECURITY BLOCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com