Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064 Datasheet(PDF) 18 Page - STMicroelectronics

Part # M58WR064
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M58WR064 Datasheet HTML 14Page - STMicroelectronics M58WR064 Datasheet HTML 15Page - STMicroelectronics M58WR064 Datasheet HTML 16Page - STMicroelectronics M58WR064 Datasheet HTML 17Page - STMicroelectronics M58WR064 Datasheet HTML 18Page - STMicroelectronics M58WR064 Datasheet HTML 19Page - STMicroelectronics M58WR064 Datasheet HTML 20Page - STMicroelectronics M58WR064 Datasheet HTML 21Page - STMicroelectronics M58WR064 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
M58WR064ET, M58WR064EB
18/82
COMMAND INTERFACE - FACTORY PROGRAM COMMANDS
The Factory Program commands are used to
speed up programming. They require VPP to be at
VPPH except for the Bank Erase command which
also operates at VPP = VDD. Refer to Table 7, Fac-
tory Program Commands, in conjunction with the
following text descriptions.
The use of Factory Program commands requires
certain operating conditions.
s
VPP must be set to VPPH (except for Bank Erase
command),
s
VDD must be within operating range,
s
Ambient temperature, TA must be 25°C ± 5°C,
s
The targeted block must be unlocked.
Bank Erase Command
The Bank Erase command can be used to erase a
bank. It sets all the bits within the selected bank to
’1’. All previous data in the bank is lost. The Bank
Erase command will ignore any protected blocks
within the bank. If all blocks in the bank are pro-
tected then the Bank Erase operation will abort
and the data in the bank will not be changed. The
Status Register will not output any error.
Bank Erase operations can be performed at both
VPP = VPPH and VPP = VDD.
Two Bus Write cycles are required to issue the
command.
s
The first bus cycle sets up the Bank Erase
command.
s
The second latches the bank address in the
internal state machine and starts the Program/
Erase Controller.
If the second bus cycle is not Write Bank Erase
Confirm (D0h), Status Register bits SR4 and SR5
are set and the command aborts. Erase aborts if
Reset turns to VIL. As data integrity cannot be
guaranteed when the Erase operation is aborted,
the bank must be erased again.
Once the command is issued the device outputs
the Status Register data when any address within
the bank is read. At the end of the operation the
bank will remain in Read Status Register mode un-
til a Read Array, Read CFI Query or Read Elec-
tronic Signature command is issued.
During Bank Erase operations the bank being
erased will only accept the Read Array, Read Sta-
tus Register, Read Electronic Signature and Read
CFI Query command, all other commands will be
ignored.
For optimum performance, Bank Erase com-
mands should be limited to a maximum of 100 Pro-
gram/Erase cycles per Block. After 100 Program/
Erase cycles the internal algorithm will still operate
properly but some degradation in performance
may occur.
Dual operations are not supported during Bank
Erase operations and the command cannot be
suspended.
Typical Erase times are given in Table 14, Pro-
gram, Erase Times and Program/Erase Endur-
ance Cycles.
Double Word Program Command
The Double Word Program command improves
the programming throughput by writing a page of
two adjacent words in parallel. The two words
must differ only for the address A0.
Three bus write cycles are necessary to issue the
Double Word Program command.
s
The first bus cycle sets up the Double Word
Program Command.
s
The second bus cycle latches the Address and
the Data of the first word to be written.
s
The third bus cycle latches the Address and the
Data of the second word to be written and starts
the Program/Erase Controller.
Read operations in the bank being programmed
output the Status Register content after the pro-
gramming has started.
During Double Word Program operations the bank
being programmed will only accept the Read Ar-
ray, Read Status Register, Read Electronic Signa-
ture and Read CFI Query command, all other
commands will be ignored. Dual operations are
not supported during Double Word Program oper-
ations and the command cannot be suspended.
Typical Program times are given in Table 14, Pro-
gram, Erase Times and Program/Erase Endur-
ance Cycles.
Programming aborts if Reset goes to VIL. As data
integrity cannot be guaranteed when the program
operation is aborted, the memory locations must
be reprogrammed.
See Appendix C, Figure 22, Double Word Pro-
gram Flowchart and Pseudo Code, for the flow-
chart for using
the
Double Word Program
command.
Quadruple Word Program Command
The Quadruple Word Program command im-
proves the programming throughput by writing a
page of four adjacent words in parallel. The four
words must differ only for the addresses A0 and
A1.
Five bus write cycles are necessary to issue the
Quadruple Word Program command.
s
The first bus cycle sets up the Double Word
Program Command.
s
The second bus cycle latches the Address and
the Data of the first word to be written.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com