Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064 Datasheet(PDF) 34 Page - STMicroelectronics

Part # M58WR064
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M58WR064 Datasheet HTML 30Page - STMicroelectronics M58WR064 Datasheet HTML 31Page - STMicroelectronics M58WR064 Datasheet HTML 32Page - STMicroelectronics M58WR064 Datasheet HTML 33Page - STMicroelectronics M58WR064 Datasheet HTML 34Page - STMicroelectronics M58WR064 Datasheet HTML 35Page - STMicroelectronics M58WR064 Datasheet HTML 36Page - STMicroelectronics M58WR064 Datasheet HTML 37Page - STMicroelectronics M58WR064 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 82 page
background image
M58WR064ET, M58WR064EB
34/82
PROGRAM AND ERASE TIMES AND ENDURANCE CYCLES
The Program and Erase times and the number of
Program/ Erase cycles per block are shown in Ta-
ble 14. In the M58WR064E the maximum number
of Program/ Erase cycles depends on the voltage
supply used.
Table 14. Program, Erase Times and Program, Erase Endurance Cycles
Note: 1. TA = –40 to 85°C; VDD = 1.65V to 2.2V; VDDQ = 1.65V to 3.3V.
2. The difference between Preprogrammed and not preprogrammed is not significant (‹30ms).
3. Excludes the time needed to execute the command sequence.
4. t.b.a. = to be announced
5. Measurements performed at 25°C. TA = 25°C ±5°C for Quadruple Word, Double Word and Quadruple Enhanced Factory Program.
Parameter
Condition
Min
Typ
Typical
after
100k W/E
Cycles
Max
Unit
Parameter Block (4 KWord) Erase(2)
0.3
1
2.5
s
Main Block (32 KWord) Erase
Preprogrammed
0.8
3
4
s
Not Preprogrammed
1.1
4
s
Bank (4Mbit) Erase
Preprogrammed
3
s
Not Preprogrammed
4.5
s
Parameter Block (4 KWord) Program(3)
40
ms
Main Block (32 KWord) Program(3)
300
ms
Word Program (3)
10
10
100
µs
Program Suspend Latency
5
10
µs
Erase Suspend Latency
5
20
µs
Program/Erase Cycles (per Block)
Main Blocks
100,000
cycles
Parameter Blocks
100,000
cycles
Parameter Block (4 KWord) Erase
0.3
2.5
s
Main Block (32 KWord) Erase
0.9
4
s
Bank (4Mbit) Erase
3.5
s
Bank (4Mbit) Program (Quad-Enhanced Factory
Program)(5)
t.b.a.(4)
s
4Mbit Program
Quadruple Word(5)
510
ms
Word/ Double Word/ Quadruple Word Program(3, 5)
8
100
µs
Parameter Block (4 KWord)
Program(3)
Quadruple Word(5)
8ms
Word
32
ms
Main Block (32 KWord) Program(3)
Quadruple Word(5)
64
ms
Word
256
ms
Program/Erase Cycles (per Block)
Main Blocks
1000
cycles
Parameter Blocks
2500
cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com