Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58WR064 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M58WR064
Description  64 Mbit 4Mb x 16, Multiple Bank, Burst 1.8V Supply Flash Memory
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M58WR064 Datasheet HTML 20Page - STMicroelectronics M58WR064 Datasheet HTML 21Page - STMicroelectronics M58WR064 Datasheet HTML 22Page - STMicroelectronics M58WR064 Datasheet HTML 23Page - STMicroelectronics M58WR064 Datasheet HTML 24Page - STMicroelectronics M58WR064 Datasheet HTML 25Page - STMicroelectronics M58WR064 Datasheet HTML 26Page - STMicroelectronics M58WR064 Datasheet HTML 27Page - STMicroelectronics M58WR064 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 82 page
background image
M58WR064ET, M58WR064EB
24/82
Table 8. Status Register Bits
Note: Logic level ’1’ is High, ’0’ is Low.
Bit
Name
Type
Logic Level
Definition
SR7
P/E.C. Status
Status
’1’
Ready
’0’
Busy
SR6
Erase Suspend Status
Status
’1’
Erase Suspended
’0’
Erase In progress or Completed
SR5
Erase Status
Error
’1’
Erase Error
’0’
Erase Success
SR4
Program Status
Error
’1’
Program Error
’0’
Program Success
SR3
VPP Status
Error
’1’
VPP Invalid, Abort
’0’
VPP OK
SR2
Program Suspend Status Status
’1’
Program Suspended
’0’
Program In Progress or Completed
SR1
Block Protection Status
Error
’1’
Program/Erase on protected Block, Abort
’0’
No operation to protected blocks
SR0
Bank Write Status
Status
’0’
SR7 = ‘0’
Program or erase operation in addressed bank
SR7 = ‘1’
No Program or erase operation in the device
'1'
SR7 = ‘0’
Program or erase operation in a bank other than
the addressed bank
SR7 = ‘1’
Not Allowed
Multiple Word Program
Status (Enhanced
Factory Program mode)
Status
'1'
SR7 = ‘0’
the device is NOT ready for the next word
SR7 = ‘1’
Not Allowed
'0'
SR7 = ‘0’
the device is ready for the next Word
SR7 = ‘1’
the device is exiting from EFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com