Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ3500LPQLPRO Datasheet(PDF) 4 Page - Clarke International

Part # CTJ3500LPQLPRO
Description  3.5T GARAGE JACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3500LPQLPRO Datasheet(HTML) 4 Page - Clarke International

  CTJ3500LPQLPRO Datasheet HTML 1Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 2Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 3Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 4Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 5Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 6Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 7Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 8Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
UNPACKING AND ASSEMBLY
1. Remove the transit retaining clip by
springing it away from the yoke and
tie rod.
2. Loosen the bolt in the yoke until the
lower handle can be inserted fully
into the handle socket.
• The lower handle has a groove
which will engage with the bolt
once it is re-tightened.
• The socket in the handle will
engage with the jack control valve at the base of the yoke.
3. Tighten the bolt to secure the lower
handle to the jack.
4. Add the upper handle by sliding it
onto the lower handle until the spring
loaded plunger clips in place.
PURGING AIR FROM THE SYSTEM
If air bubbles become trapped inside the
hydraulic system during shipping or
transport, the efficiency of the jack will
be reduced and the jack will feel spongy.
1. Turn the control valve counter-
clockwise, relieving the pressure
inside the jack, then remove the
cover plate.
2. Pump the handle several times to
purge air from the system, while
pressing down on the filler plug when the air is expelled.
3. Turn the control valve clockwise and test the jack. If efficiency is still low, check
the oil level as described under Maintenance on page 6.
The jack is now ready to use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com