Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ3500LPQLPRO Datasheet(PDF) 5 Page - Clarke International

Part # CTJ3500LPQLPRO
Description  3.5T GARAGE JACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3500LPQLPRO Datasheet(HTML) 5 Page - Clarke International

  CTJ3500LPQLPRO Datasheet HTML 1Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 2Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 3Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 4Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 5Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 6Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 7Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 8Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
OPERATION
This jack incorporates a twin piston pump with a ‘quick lift’ facility to provide rapid
raising of the unladen jack. When the jack encounters a load (the vehicle), its
distance raised per stroke reduces to provide gradual lifting
Before use, inspect the jack for oil leaks or any other sign of damage. Should any be
apparent, have the jack repaired by a qualified technician.
1. Ensure the vehicle to be raised is stable and on firm level ground with the wheels
chocked.
2. Position the jack so that the saddle is directly beneath the lifting point.
• Consult the vehicle handbook to determine suitable lifting points.
3. Twist the handle clockwise to close the control valve.
4. Pump the handle to raise the saddle until it reaches the jacking point.
5. Make sure that the saddle is in full contact with the lifting point and that there is
nothing that will prevent a clean lift. Keep all personnel at a safe distance before
lifting the vehicle.
6. Position axle stands directly beneath suitable supporting points on the vehicle and
very gently twist the handle anti-clockwise.
7. This will open the control valve to lower the load onto the stands.
• Make sure that the axle stands are in good condition and that they can
hold the load. Axle stands must be on a firm, level surface.
8. Ensure that the axle stands cannot move when supporting the load. Use suitable
wheel chocks to stop the vehicle from moving.
NOTE: The jack may move slightly during operation. It is important therefore,
that the floor is clean and completely free from debris.
9. To stop it lowering at any point, turn the handle clockwise again. Always avoid a
rapid descent by turning the handle slowly.
10. Carefully lower the vehicle onto the axle stand, checking constantly, preferably
with an assistant, that the vehicles jacking point rests snugly and cleanly on the
axle stand & the stand is stable before the weight is taken.
• Ensure this operation is carried out under complete control. DO NOT allow
the load to drop suddenly as this could damage internal parts.
11. Completely remove the jack from the vehicle.
WARNING: NEVER WORK ON A VEHICLE WHEN SUPPORTED ONLY
BY A JACK. THIS IS HIGHLY DANGEROUS. THE VEHICLE MUST BE
SUPPORTED ON AXLE STANDS OR SUITABLE SUPPORTS BENEATH
THE CORRECT JACKING/SUPPORT POINTS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com