Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ3500LPQLPRO Datasheet(PDF) 2 Page - Clarke International

Part # CTJ3500LPQLPRO
Description  3.5T GARAGE JACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3500LPQLPRO Datasheet(HTML) 2 Page - Clarke International

  CTJ3500LPQLPRO Datasheet HTML 1Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 2Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 3Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 4Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 5Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 6Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 7Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 8Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
INTRODUCTION
Thank you for purchasing this CLARKE Garage Jack.
Before attempting to use this product, please read this manual thoroughly and follow
the instructions carefully. In doing so you will ensure the safety of yourself and that of
others around you, and you can look forward to your purchase giving you long and
satisfactory service.
SPECIFICATIONS
Part number
7623251
Dimensions (exc handle) L x W x H
710 x 320 x 182 mm
Max height with handle fitted
1415 mm
Height of saddle from floor (minimum)
117 mm
Height of saddle from floor (maximum)
513 mm
Weight
38.5 kg
Rated Load
3.5 tonne
Approx distance raised per stroke
44 mm
Number of full strokes to maximum height
Approx 9 strokes
Lowering speed under load
less than 0.15m/s
Pump oil capacity
270 ml
OIl grade
Hydraulic oil ISO-32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com