Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTJ3500LPQLPRO Datasheet(PDF) 11 Page - Clarke International

Part # CTJ3500LPQLPRO
Description  3.5T GARAGE JACK
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

CTJ3500LPQLPRO Datasheet(HTML) 11 Page - Clarke International

Back Button CTJ3500LPQLPRO Datasheet HTML 7Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 8Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 9Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 10Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 11Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 12Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 13Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 14Page - Clarke International CTJ3500LPQLPRO Datasheet HTML 15Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
COMPONENT PARTS - GENERAL ASSEMBLY
No Description
No Description
1
Power unit assembly
23
Nut M16
2
Universal joint assembly
24
Rear castor assembly
3
Steel ball bearing 6mm
25
Spring washer M12
4
Oil plug
26
Button head socket cap screw M12
5
Return spring
27
Shoulder bolt
6
Cotter pin 4 x 45mm
28
Spring washer M12
7
Coupling connector
29
Washer M18
8
C-clip 25mm
30
Supporting shaft
9
Lifting arm assembly
31
Connecting rod pintle
10
Pin for saddle
32
Cover plate
11
Saddle
33
Screw st4.8 x 16
12
C-clip 18mm
34
Handle socket shaft
13
Front wheel
35
Rubber sleeve
14
Frame assembly
36
Handle socket
15
Washer M14
37
Handle socket screw
16
Spring washer M14
38
Pin for roller
17
Nut M14
39
Contact roller
18
C-clip 28mm
40
C-clip 12mm
19
Rear shaft
41
Flexible protective tube
20
Spring washer M8
42
Handle lock pin
21
Bolt M8 x 20
43
Handle assembly
22
Spring washer
44
Seal kit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com