Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus RTC with battery switchover
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M41T93_07 Datasheet HTML 26Page - STMicroelectronics M41T93_07 Datasheet HTML 27Page - STMicroelectronics M41T93_07 Datasheet HTML 28Page - STMicroelectronics M41T93_07 Datasheet HTML 29Page - STMicroelectronics M41T93_07 Datasheet HTML 30Page - STMicroelectronics M41T93_07 Datasheet HTML 31Page - STMicroelectronics M41T93_07 Datasheet HTML 32Page - STMicroelectronics M41T93_07 Datasheet HTML 33Page - STMicroelectronics M41T93_07 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
Clock operation
M41T93
30/51
3.8.1
TI/TP
●
TI/TP = 0
IRQ/FT/OUT is active when TF is logic '1' (subject to the status of the Timer Interrupt
Enable Bit (TIE).
●
TI/TP = 1
IRQ/FT/OUT pulses active according to Table 8 (subject to the status of the TIE Bit).
Note:
If an alarm condition, watchdog time-out, oscillator failure, or OUT = 0 cause IRQ/FT/OUT to
be asserted low, then IRQ/FT/OUT will remain asserted even if TI/TP is set to '1.' When in
pulse mode (TI/TP = 1), clearing the TF Bit will not stop the pulses on IRQ/FT/OUT. The
output pulses will only stop if TE, TIE, or TI/TP are reset to '0.'
3.8.2
TF
At the end of a timer countdown, TF is set to logic '1.' If both timer and alarm interrupts are
required in the application, the source of the interrupt can be determined by reading the flag
bits. The timer will auto-reload and continue to count down regardless of the state of TF Bit
(or TI/TP Bit). The TF Bit is cleared by reading the Flags Register.
3.8.3
TIE
In Level mode (TI/TP = 0), when TF is asserted, the interrupt is asserted (if TIE = 1). To
clear the interrupt, the TF Bit or the TIE Bit must be reset.
3.8.4
TE
●
TE = 0
When the Timer Register (10h) is set to ‘0,’ the timer is disabled.
●
TE = 1
The timer is enabled. TE is reset (disabled) on power-down. When re-enabled, the
counter will begin from the same value as when it was disabled.
Table 8.
Interrupt operation (Bit TI/TP = 1)
Source clock (Hz)
IRQ(1) Period(s)
1.
TF and IRQ/FT/OUT become active simultaneously.
n(2) = 1
2.
n = loaded countdown timer value. The timer is stopped when n = 0.
n > 1
4096
1/8192
1/4096
64
1/128
1/64
1
1/64
1/64
1/60
1/64
1/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com