Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 39 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus RTC with battery switchover
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M41T93_07 Datasheet HTML 35Page - STMicroelectronics M41T93_07 Datasheet HTML 36Page - STMicroelectronics M41T93_07 Datasheet HTML 37Page - STMicroelectronics M41T93_07 Datasheet HTML 38Page - STMicroelectronics M41T93_07 Datasheet HTML 39Page - STMicroelectronics M41T93_07 Datasheet HTML 40Page - STMicroelectronics M41T93_07 Datasheet HTML 41Page - STMicroelectronics M41T93_07 Datasheet HTML 42Page - STMicroelectronics M41T93_07 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
M41T93
DC and AC parameters
39/51
Figure 17.
ICC2 vs. temperature
Table 19.
Crystal electrical characteristics
Symbol
Parameter(1)(2)
1.
Externally supplied if using the QFN16 package. STMicroelectronics recommends the Citizen CFS-145
(1.5x5mm) and the KDS DT-38 (3x8mm) for thru-hole, or the KDS DMX-26S (3.2x8mm) or Micro Crystal
MS3V-T1R (1.5x5mm) for surface-mount, tuning fork-type quartz crystals. For contact information, see
Section 8: References on page 49.
2.
Load capacitors are integrated within the M41T93. Circuit board layout considerations for the 32.768kHz
crystal of minimum trace lengths and isolation from RF generating signals should be taken into account.
Min
Typ
Max
Units
fO
Resonant frequency
32.768
kHz
RS
Series resistance
65(3)
3.
Guaranteed by design.
k
Ω
CL
Load capacitance
12.5
pF
Table 20.
Oscillator characteristics
Symbol
Parameter(1)(2)
1.
With default Analog Calibration value ( = 0).
2.
Reference value
Conditions
Min
Typ
Max
Units
VSTA
Oscillator start voltage
≤4s
2.0
V
tSTA
Oscillator start time
VCC = VSO
1s
CXI, CXO
(1)
Capacitor Input, capacitor output
25
pF
IC-to-IC frequency variation(2)(3)
3.
TA = 25°C, VCC = 5.0V
–10
+10
ppm
ai 13909
2.000
3.000
4.000
5.000
6.000
7.000
8.000
9.000
10.000
-40
-20
0
20
40
60
80
Temperature (˚C)
(3.0V)
(5.0V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com