Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 35 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus RTC with battery switchover
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button M41T93_07 Datasheet HTML 31Page - STMicroelectronics M41T93_07 Datasheet HTML 32Page - STMicroelectronics M41T93_07 Datasheet HTML 33Page - STMicroelectronics M41T93_07 Datasheet HTML 34Page - STMicroelectronics M41T93_07 Datasheet HTML 35Page - STMicroelectronics M41T93_07 Datasheet HTML 36Page - STMicroelectronics M41T93_07 Datasheet HTML 37Page - STMicroelectronics M41T93_07 Datasheet HTML 38Page - STMicroelectronics M41T93_07 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
M41T93
Clock operation
35/51
3.15
Initial power-on defaults
Upon initial application of power to the device, the register bits will initially power-on in the
state indicated in Table 13 and Table 14.
Table 13.
Initial power-on default values (part 1)
Table 14.
Initial power-up default values (part 2)
3.16
OTP bit operation (SOX18 package only)
When the OTP (One Time Programmable) Bit is set to a '1,' the value in the internal OTP
registers will be transferred to the analog calibration register (12h) and are “Read only.” The
OTP value is programmed by the manufacturer, and will contain the calibration value
necessary to achieve ±5 ppm at room temperature after two SMT reflows. This clock
accuracy can be guaranteed to drift no more than ±3 ppm the first year, and ±1 ppm for
each following year due to crystal aging.
If the OTP Bit is set to '0,' the analog calibration register will become a WRITE/READ
register and function like standard SRAM memory cells, allowing the user to implement any
desired value of analog calibration.
When the user sets the OTP Bit, they need to wait for approximately 8ms before the analog
registers transfer the value from the OTP to the analog registers due to the OTP Read
operation.
Condition(1)
1.
All other control bits power-up in an undetermined state.
ST
CB1 CB0 OUT FT
DCS
ACS
Digital
Calib.
Analog
Calib.
OFIE Watchdog(2)
2.
BMB0-BMB4, RB0, RB1
A1IE
SQWE ABE
Initial
Power-up
00
0
1
0
0
0
0
0
0
0
1
0
Subsequent
Power-up(3)(4)
3.
With battery back-up
4.
UC = Unchanged
UC
UC
UC
UC
0
UC
UC
UC
UC
0
UC
UC
UC
Condition(1)
1.
All other control bits power-up in an undetermined state.
RPT11-15
HT
OF
TE
TI/TP
TIE
TD1
TD0 RS0 RS1-3
OTP
RPT21-
25
AL2E
Initial
Power-up
01
1
0
0
0
1
1
1
0
0
0
0
Subsequent
Power-up (2)(3)
2.
With battery back-up
3.
UC = Unchanged
UC
1
UC
0
UC
UC
UC
UC
UC
UC
UC
UC
UC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com