Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T93 Datasheet(PDF) 33 Page - STMicroelectronics

Part # M41T93
Description  Serial SPI bus RTC with battery switchover
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T93 Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M41T93_07 Datasheet HTML 29Page - STMicroelectronics M41T93_07 Datasheet HTML 30Page - STMicroelectronics M41T93_07 Datasheet HTML 31Page - STMicroelectronics M41T93_07 Datasheet HTML 32Page - STMicroelectronics M41T93_07 Datasheet HTML 33Page - STMicroelectronics M41T93_07 Datasheet HTML 34Page - STMicroelectronics M41T93_07 Datasheet HTML 35Page - STMicroelectronics M41T93_07 Datasheet HTML 36Page - STMicroelectronics M41T93_07 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 51 page
background image
M41T93
Clock operation
33/51
3.10
Battery low warning
The M41T93 automatically performs battery voltage monitoring upon power-up and at
factory-programmed time intervals of approximately 24 hours. The Battery Low (BL) Bit, Bit
D4 of Flags Register 0Fh, will be asserted if the battery voltage is found to be less than
approximately 2.5V. The BL Bit will remain asserted until completion of battery replacement
and subsequent battery low monitoring tests, either during the next power-up sequence or
the next scheduled 24-hour interval.
If a battery low is generated during a power-up sequence, this indicates that the battery is
below approximately 2.5 volts and may not be able to maintain data integrity. Clock data
should be considered suspect and verified as correct. A fresh battery should be installed.
If a battery low indication is generated during the 24-hour interval check, this indicates that
the battery is near end of life. However, data is not compromised due to the fact that a
nominal VCC is supplied. In order to insure data integrity during subsequent periods of
battery back-up mode, the battery should be replaced.
The M41T93 only monitors the battery when a nominal VCC is applied to the device. Thus
applications which require extensive durations in the battery back-up mode should be
powered-up periodically (at least once every few months) in order for this technique to be
beneficial. Additionally, if a battery low is indicated, data integrity should be verified upon
power-up via a checksum or other technique.
3.11
Century bits
These two bits will increment in a binary fashion at the turn of the century, and handle all
leap years correctly. See Table 12 for additional explanation.
3.12
Output driver pin
When the OFIE Bit, A1IE Bit, and Watchdog Register are not set to generate an interrupt,
the IRQ/FT/OUT pin becomes an output driver that reflects the contents of D7 of register
08h. In other words, when D7 (OUT Bit) is a '0,' then the IRQ/FT/OUT pin will be driven low.
Note:
The IRQ/FT/OUT pin is an open drain which requires an external pull-up resistor.
Table 12.
Century bits examples
CB0
CB1
Leap Year?
Example(1)
1.
Leap year occurs every four years (for years evenly divisible by four), except for years evenly divisible by
100. The only exceptions are those years evenly divisible by 400 (the year 2000 was a leap year, year
2100 is not).
00
Yes
2000
0
1
No
2100
1
0
No
2200
1
1
No
2300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com