Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M68Z512 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M68Z512
Description  4 Mbit 512Kb x8 Low Power SRAM with Output Enable
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68Z512 Datasheet(HTML) 1 Page - STMicroelectronics

  M68Z512 Datasheet HTML 1Page - STMicroelectronics M68Z512 Datasheet HTML 2Page - STMicroelectronics M68Z512 Datasheet HTML 3Page - STMicroelectronics M68Z512 Datasheet HTML 4Page - STMicroelectronics M68Z512 Datasheet HTML 5Page - STMicroelectronics M68Z512 Datasheet HTML 6Page - STMicroelectronics M68Z512 Datasheet HTML 7Page - STMicroelectronics M68Z512 Datasheet HTML 8Page - STMicroelectronics M68Z512 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
March 2000
M68Z512
4 Mbit (512Kb x8) Low Power SRAM with Output Enable
s
ULTRA LOW DATA RETENTION CURRENT
– 100nA (typical)
–10µA (max)
s
OPERATION VOLTAGE: 5V ±10%
s
512 Kbit x8 SRAM with OUTPUT ENABLE
s
EQUAL CYCLE and ACCESS TIMES: 70ns
s
LOW VCC DATA RETENTION: 2V
s
TRI-STATE COMMON I/O
s
CMOS for OPTIMUM SPEED/POWER
s
AUTOMATIC POWER-DOWN WHEN
DESELECTED
s
INTENDED FOR USE WITH ST
ZEROPOWER® AND TIMEKEEPER®
CONTROLLERS
DESCRIPTION
The M68Z512 is a 4 Mbit (4,194,304 bit) CMOS
SRAM, organized as 524,288 words by 8 bits. The
device features fully static operation requiring no
external clocks or timing strobes, with equal ad-
dress access and cycle times. It requires a single
5V ±10% supply, and all inputs and outputs are
TTL compatible.
This device has an automatic power-down feature,
reducing the power consumption by over 99%
when deselected.
The M68Z512 is available in a 32 lead TSOP II
(10 x 20mm) package.
Figure 1. Logic Diagram
AI03030
19
A0-A18
W
DQ0-DQ7
VCC
M68Z512
G
VSS
8
E
32
1
TSOP II 32 (NC)
10 x 20mm
Table 1. Signal Names
A0-A18
Address Inputs
DQ0-DQ7
Data Input/Output
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground


Similar Part No. - M68Z512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M68Z128 STMICROELECTRONICS-M68Z128 Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128-55N1 STMICROELECTRONICS-M68Z128-55N1 Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128N STMICROELECTRONICS-M68Z128N Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128W STMICROELECTRONICS-M68Z128W Datasheet
96Kb / 12P
3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128W-70N1T STMICROELECTRONICS-M68Z128W-70N1T Datasheet
96Kb / 12P
3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
More results

Similar Description - M68Z512

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27V401 STMICROELECTRONICS-M27V401 Datasheet
103Kb / 15P
4 Mbit (512Kb x8) Low Voltage UV EPROM and OTP EPROM
M29W004BT STMICROELECTRONICS-M29W004BT Datasheet
157Kb / 20P
4 Mbit 512Kb x8, Boot Block Low Voltage Single Supply Flash Memory
09-Mar-2000
M29W040 STMICROELECTRONICS-M29W040 Datasheet
205Kb / 31P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
Nov-1999
M29W040B STMICROELECTRONICS-M29W040B Datasheet
434Kb / 20P
4 Mbit 512Kb x8, Uniform Block Low Voltage Single Supply Flash Memory
19-Sep-2005
M48T512Y STMICROELECTRONICS-M48T512Y Datasheet
301Kb / 21P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
Feb-2005
M48T513Y STMICROELECTRONICS-M48T513Y Datasheet
145Kb / 23P
3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
20-Jun-2000
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
101Kb / 17P
4 Mbit 512Kb x8 ZEROPOWER SRAM
Mar-2000
M68Z128 STMICROELECTRONICS-M68Z128 Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128W STMICROELECTRONICS-M68Z128W Datasheet
96Kb / 12P
3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68AF511AL STMICROELECTRONICS-M68AF511AL Datasheet
93Kb / 18P
4 Mbit (512K x8), 5V Asynchronous SRAM
17-May-2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com