Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOLDERLESS_HOLDER Datasheet(PDF) 4 Page - Bridgelux, Inc.

Part # SOLDERLESS_HOLDER
Description  Solderless Holder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

SOLDERLESS_HOLDER Datasheet(HTML) 4 Page - Bridgelux, Inc.

  SOLDERLESS_HOLDER Datasheet HTML 1Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 2Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 3Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 4Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 5Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 6Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 7Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 8Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
2
Product Feature Map
Product Nomenclature
The part number designation for Bridgelux Solderless Holder Assemblies is explained as follows.
1
2
3
4
- 5
6
7
8
9
10
11
Main Product Family
Sub Family 1
H: holder
B
X H D – 1
2
1
2
- 0 9 5
Step 1. Check the positive contact.
Center Hole Diameter
095=9.5mm 112 =11.2mm
125=12.5 mm 160=16.0 mm
213=21.3mm 243=24.3mm
165L=16.5mm
Easy Two-Step Assembly Process
Step 2. Align substrate in the gap and
push straight down into holder
Completed Array and holder
(shown backside)
Sub Family 2
D:
Solderless
COB size
1212=12.5×12.5
1313=13.5×13.5
1616=15.8×15.8
1919=19×19
2424=24×24
2828=28×28
Bridgelux Solderless Holder is available for six different COB sizes (BXHD-1212, BXHD-1313, BXHD-1616, BXHD-1919, BXHD-
2424, and BXHD-2828) and includes several features to simplify the design integration and manufacturing process.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com