Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOLDERLESS_HOLDER Datasheet(PDF) 14 Page - Bridgelux, Inc.

Part # SOLDERLESS_HOLDER
Description  Solderless Holder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

SOLDERLESS_HOLDER Datasheet(HTML) 14 Page - Bridgelux, Inc.

Back Button SOLDERLESS_HOLDER Datasheet HTML 6Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 7Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 8Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 9Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 10Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 11Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 12Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 13Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 14Page - Bridgelux, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
12
About Bridgelux: Bridging Light and Life™
46410 Fremont Boulevard
Fremont, CA 94538 U.S.A.
Tel (925) 583-8400
www.bridgelux.com
At Bridgelux, we help companies, industries and people experience the power and possibility
of light. Since 2002, we’ve designed LED solutions that are high performing, energy efficient,
cost effective and easy to integrate. Our focus is on light’s impact on human behavior, delivering
products that create better environments, experiences and returns—both experiential and
financial. And our patented technology drives new platforms for commercial and industrial
luminaires.
For more information about the company, please
visit bridgelux.com twitter.com/Bridgelux facebook.
com/Bridgeluxyoutube.com/user/Bridgelux
linkedin.com/company/bridgelux-inc-_2
WeChat ID: BridgeluxInChina
© 2026 Bridgelux, Inc. All rights reserved. Product specifications are subject to change without notice. Bridgelux, the Bridgelux stylized logo design and Vero are
registered trademarks, V Series and Decor Series are trademarks of Bridgelux, Inc. All other trademarks are the property of their respective owners.
Bridgelux Solderless Holder Product Data Sheet DS1340-1 Rev. C (05/2026)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com