Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOLDERLESS_HOLDER Datasheet(PDF) 5 Page - Bridgelux, Inc.

Part # SOLDERLESS_HOLDER
Description  Solderless Holder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

SOLDERLESS_HOLDER Datasheet(HTML) 5 Page - Bridgelux, Inc.

  SOLDERLESS_HOLDER Datasheet HTML 1Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 2Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 3Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 4Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 5Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 6Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 7Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 8Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 9Page - Bridgelux, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
3
Product Selection Guide
The following product configurations are available:
Table 1: Selection Guide
Bridgelux Part Number
Array Size
(mm x mm)
Center Hole
Diameter (mm)
Bridgelux arrays
BXHD-1212-095
12.5 x 12.5
9.5
V6,V8,V3HD,V4HD,Vesta TW6
BXHD-1313-112
13.5 x 13.5
11.2
V10,V6HD
BXHD-1616-125
15.8 x 15.8
12.5
Vesta TW9
BXHD-1919-160
19 x 19
16.0
V13,V9HD ,Vesta TW13
BXHD-1919-165L
19 x 19
16.5
V13,V9HD ,Vesta TW13
BXHD-2424-213
24 x 24
21.3
V18,Vesta TW18
BXHD-2828-243
28 x 28
24.3
V22,Vesta TW22
Table 2: List of suitable conductor types, wire sizes and maximum insulation diameter
Conductor Type
Wire Size
Insulation Diameter
(mm)
Solid,Stranded and tinned,or
Stranded
AWG22
2.1mm maximum
AWG20
AWG18
0.34mm2
0.50mm2
0.75mm2
Parameter
Maximum Rating
Operating Temperature
-40°C to +105°C
Maximum Drive Current
3.6A
Maximum Voltage
72 V
Table 3: Maximum Ratings
Notes for Table 1:
1. Additional holder designs can be requested. Consult sales for more information.
Notes for Table 2:
1. Additional holder designs can be requested. Consult Sales for more information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com