Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOLDERLESS_HOLDER Datasheet(PDF) 12 Page - Bridgelux, Inc.

Part # SOLDERLESS_HOLDER
Description  Solderless Holder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGELUX [Bridgelux, Inc.]
Direct Link  https://www.bridgelux.com/
Logo BRIDGELUX - Bridgelux, Inc.

SOLDERLESS_HOLDER Datasheet(HTML) 12 Page - Bridgelux, Inc.

Back Button SOLDERLESS_HOLDER Datasheet HTML 6Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 7Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 8Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 9Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 10Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 11Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 12Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 13Page - Bridgelux, Inc. SOLDERLESS_HOLDER Datasheet HTML 14Page - Bridgelux, Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
10
Mechanical Dimensions
Figure 7: Drawing for BXHD-2828-243
Notes for Figure 7:
1. Drawings are not to scale.
2. Drawing dimensions are in millimeters.
3. Unless otherwise specified, tolerances are ±0.15 mm.
4. Contact pad labeled “+” denotes positive contact.
5. Bridgelux Solderless Holder maintains a flatness of 0.10mm across the mounting surface of the array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com