Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBDFXXW5 Datasheet(PDF) 7 Page - STMicroelectronics

Part # USBDFXXW5
Description  EMI filter and line termination for USB downstream ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBDFXXW5 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button USBDFXXW5 Datasheet HTML 3Page - STMicroelectronics USBDFXXW5 Datasheet HTML 4Page - STMicroelectronics USBDFXXW5 Datasheet HTML 5Page - STMicroelectronics USBDFXXW5 Datasheet HTML 6Page - STMicroelectronics USBDFXXW5 Datasheet HTML 7Page - STMicroelectronics USBDFXXW5 Datasheet HTML 8Page - STMicroelectronics USBDFXXW5 Datasheet HTML 9Page - STMicroelectronics USBDFXXW5 Datasheet HTML 10Page - STMicroelectronics USBDFXXW5 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
USBDFxxW5
Application information
7/11
Figure 8. gives the measurement circuit for the analog crosstalk application. In Figure 10.,
the curve shows the effect of the D+ cell on the D- cell. In usual frequency range of analog
signals (up to 100 MHz) the effect on disturbed line is less than -46 dB.
Figure 11. shows the measurement circuit used to quantify the crosstalk effect in a classical
digital application.
Figure 12. shows that in such a condition signal, from 0 to 5 V and rise time of few ns, the
impact on the other line is less than 100 mV peak to peak (below the logic high voltage
threshold). The measurements performed with falling edges give the same results.
Figure 9.
Analog crosstalk measurements
Figure 10.
Typical analog crosstalk results
50
RF IN
Vg
50
TG OUT
TEST BOARD
1
10
100
1,000
-100
-80
-60
-40
-20
0
frequency (MHz)
Analog crosstalk (dB)
Figure 11.
Digital crosstalk measurements
configuration
Figure 12.
Digital crosstalk results
Line 1
Line 2
VG1
b21 VG1
+5V
+5V
74HC04
+5V
Square
Pulse
Generator
5KHz
74HC04
USBDF
xxW5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com