Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBDFXXW5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # USBDFXXW5
Description  EMI filter and line termination for USB downstream ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBDFXXW5 Datasheet(HTML) 2 Page - STMicroelectronics

  USBDFXXW5 Datasheet HTML 1Page - STMicroelectronics USBDFXXW5 Datasheet HTML 2Page - STMicroelectronics USBDFXXW5 Datasheet HTML 3Page - STMicroelectronics USBDFXXW5 Datasheet HTML 4Page - STMicroelectronics USBDFXXW5 Datasheet HTML 5Page - STMicroelectronics USBDFXXW5 Datasheet HTML 6Page - STMicroelectronics USBDFXXW5 Datasheet HTML 7Page - STMicroelectronics USBDFXXW5 Datasheet HTML 8Page - STMicroelectronics USBDFXXW5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
USBDFxxW5
2/11
1
Characteristics
2
Application information
Figure 1.
USB Standard requirements
Table 1.
Absolute maximum ratings (Tamb = 25° C)
Symbol
Parameter
Value
Unit
VPP
ESD discharge IEC 61000-4-2, contact discharge
ESD discharge - MIL STD 883 - Method 3015-6
±15
±25
kV
Tj
Operating junction temperature range
-40 to 150
°C
Tstg
Storage temperature range
- 55 to +150
°C
TL
Lead solder temperature (10 second duration)
260
°C
Pr
Power rating per resistor
100
mW
Table 2.
Electrical characteristics (Tamb = 25° C)
Symbol
Parameters
Test conditions
Min
Typ
Max
Unit
VBR
Diode breakdown voltage
IR = 1 mA
6
V
VF
Diode forward voltage drop
IF = 50 mA
0.9
V
Host or
Hub port
Twisted pair shielded
Zo = 90ohms
5m max
Hub 0 or
Full-speed function
Untwisted unshielded
3m max
FULL SPEED CONNECTION
LOW SPEED CONNECTION
+Vbus
+Vbus
D+
D-
D+
D-
D+
D-
D+
D-
1.5k
1.5k
Hub 0 or
Low-speed function
Low-speed USB
Transceiver
Full-speed or
Low-speed USB
Transceiver
15k
Rt
Rt
Ct
Ct
Host or
Hub port
Full-speed or
Low-speed USB
Transceiver
15k
Rt
Rt
Ct
Ct
Rt
Rt
Ct
Ct
Full-speed USB
Transceiver
Rt
Rt
Ct
Ct
15k
15k



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com