Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBDFXXW5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # USBDFXXW5
Description  EMI filter and line termination for USB downstream ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBDFXXW5 Datasheet(HTML) 1 Page - STMicroelectronics

  USBDFXXW5 Datasheet HTML 1Page - STMicroelectronics USBDFXXW5 Datasheet HTML 2Page - STMicroelectronics USBDFXXW5 Datasheet HTML 3Page - STMicroelectronics USBDFXXW5 Datasheet HTML 4Page - STMicroelectronics USBDFXXW5 Datasheet HTML 5Page - STMicroelectronics USBDFXXW5 Datasheet HTML 6Page - STMicroelectronics USBDFXXW5 Datasheet HTML 7Page - STMicroelectronics USBDFXXW5 Datasheet HTML 8Page - STMicroelectronics USBDFXXW5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
September 2006
Rev 3
1/11
11
USBDFxxW5
EMI filter and line termination for USB downstream ports
Applications
EMI Filter and line termination for USB
downstream ports on:
■ Desktop computer
■ Notebooks
■ Workstations
■ USB Hubs
Features
■ Monolithic device with recommended line
termination for USB downstream ports
■ Integrated Rt series termination and Ct
bypassing capacitors.
■ Integrated ESD protection
■ Small package size
Description
The USB specification requires USB downstream
ports to be terminated with pull-down resistors
from the D+ and D- lines to ground. On the
implementation of USB systems, the radiated and
conducted EMI should be kept within the required
levels as stated by the FCC regulations. In
addition to the requirements of termination and
EMC compatibility, the computing devices are
required to be tested for ESD susceptibility.
The USBDFxxW5 provides the recommended line
termination while implementing a low pass filter to
limit EMI levels and providing ESD protection
which exceeds IEC 61000-4-2 level 4 standard.
The device is packaged in a SOT323-5L, which is
a very small (50% smaller than the standard
SOT23).
Complies with the following standards
Functional diagram
Order codes
Benefits
■ EMI / RFI noise suppression
■ Required line termination for USB downstream
ports
■ ESD protection exceeding
IEC61000-4-2 level 4
■ IPAD™ technology provides high flexibility in
the design of high density boards
■ Tailored to meet USB 1.1 standard
TM: IPAD is a trademark of STMicroelectronics
IEC 61000-4-2, level 4 ±15 kV (air discharge)
±8 kV (contact discharge)
MIL STD 883C, Method 3015-6
Class 3 C = 100 pF R = 1500 W
3 positive strikes and 3 negative strikes (F = 1 Hz)
Part number
Marking
USBDF01W5
UD1
USBDF02W5
UD2
SOT323-5L
D+ In
D- In
Gnd
D+ Out
D- Out
Rt
Rd
Ct
Rt
Ct
Rd
Rt
Rd
Ct
USBDF01W5
33
Ω
15 k
Ω
47 pF
USBDF02W5
15
Ω
15 k
Ω
47 pF
Tolerance
±10%
±10%
±20%
www.st.com


Similar Part No. - USBDFXXW5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5 Datasheet
103Kb / 9P
EMI FILTER AND LINE TERMINATION FOR USB DOWNSTREAM PORTS
May-2000
More results

Similar Description - USBDFXXW5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
KBMFXXSC6 STMICROELECTRONICS-KBMFXXSC6 Datasheet
90Kb / 8P
EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
Feb-2002
USBDFXXW5 STMICROELECTRONICS-USBDFXXW5 Datasheet
103Kb / 9P
EMI FILTER AND LINE TERMINATION FOR USB DOWNSTREAM PORTS
May-2000
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6 Datasheet
98Kb / 9P
EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
Mar-2002
logo
Semtech Corporation
STF201-22 SEMTECH-STF201-22 Datasheet
217Kb / 7P
USB Downstream Post Filter & TVS For EMI Filtering and ESD Protection
logo
STMicroelectronics
USBUF01P6 STMICROELECTRONICS-USBUF01P6 Datasheet
80Kb / 7P
EMI FILTER AND LINE TERMINATION FOR USB UPSTREAM PORTS
REV. 2
USBUFXXW6 STMICROELECTRONICS-USBUFXXW6_06 Datasheet
152Kb / 11P
EMI filter and line termination for USB upstream ports
28-Feb-2006
USBUF01P6 STMICROELECTRONICS-USBUF01P6_06 Datasheet
116Kb / 9P
EMI filter and line termination for USB upstream ports
29-Aug-2006
KBMF STMICROELECTRONICS-KBMF Datasheet
98Kb / 8P
EMI FILTER AND LINE TERMINATION FOR PS/2 MOUSE OR KEYBOARD PORTS
28-Oct-2004
USBUF01P6 STMICROELECTRONICS-USBUF01P6_10 Datasheet
119Kb / 9P
IPAD??EMI filter and line termination for USB upstream ports
18-Feb-2010
USBUF STMICROELECTRONICS-USBUF Datasheet
193Kb / 13P
EMI filter and line termination for USB upstream ports
24-Aug-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com