Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USBDFXXW5 Datasheet(PDF) 5 Page - STMicroelectronics

Part # USBDFXXW5
Description  EMI filter and line termination for USB downstream ports
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

USBDFXXW5 Datasheet(HTML) 5 Page - STMicroelectronics

  USBDFXXW5 Datasheet HTML 1Page - STMicroelectronics USBDFXXW5 Datasheet HTML 2Page - STMicroelectronics USBDFXXW5 Datasheet HTML 3Page - STMicroelectronics USBDFXXW5 Datasheet HTML 4Page - STMicroelectronics USBDFXXW5 Datasheet HTML 5Page - STMicroelectronics USBDFXXW5 Datasheet HTML 6Page - STMicroelectronics USBDFXXW5 Datasheet HTML 7Page - STMicroelectronics USBDFXXW5 Datasheet HTML 8Page - STMicroelectronics USBDFXXW5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
USBDFxxW5
Application information
5/11
To have a good approximation of the remaining voltages at both Vin and Vout stages, we give
the typical dynamical resistance value Rd. Taking into account the following hypothesis:
Rt > Rd, Rg > R and Rload > Rd, gives these formulas::
The results of the calculation done for VPP = 8 kV, Rg = 330 W (IEC61000-4-2 standard),
VBR = 7 V (typ.) and Rd = 1 Ω (typ.) give:
Vinput = 31.2 V
Voutput = 7.95 V
This confirms the very low remaining voltage across the device to be protected. It is also
important to note that in this approximation the parasitic inductance effect was not taken into
account. This could be few tenths of volts during few ns at the Vin side. This parasitic effect
is not present at the Vout side due the low current involved after the resistance R.
The measurements results shown below show very clearly (Figure 7.) the high efficiency of
the ESD protection :
no influence of the parasitic inductances on Vout stage
output clamping voltage very close to VBR (positive strike) and -VF (negative strike)
Figure 6.
Measurement board
V=
input
V=
output
R.V
+ R. V
gBR
d
g
R.V
+ R . V
t
BR
d
input
Rg
Rt
TEST BOARD
ESD
SURGE
15 kV
Air
Discharge
Vin
Vout



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com