Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8991 Datasheet(PDF) 73 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 73 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 69Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 70Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 71Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 72Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 73Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 74Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 75Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 77Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
73
The output mixers OUT3MIX and OUT4MIX and their outputs OUT3 and OUT4 are controlled as
described in Table 38. Care should be taken to avoid clipping when enabling more than one path to
OUT3 or OUT4. The OUT3ATTN and OUT4ATTN attenuation controls can be used to prevent
clipping when more than one full scale signal is input to the mixers.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5
OUT3MUTE
1b
OUT3 Mute
0 = Un-mute
1 = Mute
4
OUT3ATTN
0b
OUT3 Attenuation
0 = 0dB
1 = -6dB
1
OUT4MUTE
1b
OUT4 Mute
0 = Un-mute
1 = Mute
R31 (1Fh)
0
OUT4ATTN
0b
OUT4 Attenuation
0 = 0dB
1 = -6dB
5
LI4O3
0b
LIN4/RXN Pin to OUT3MIX
0 = Mute
1 = Un-mute
4
LPGAO3
0b
LOPGA to OUT3MIX
0 = Mute
1 = Un-mute
1
RI4O4
0b
RIN4/RXP Pin to OUT4MIX
0 = Mute
1 = Un-mute
R51 (33h)
0
RPGAO4
0b
ROPGA to OUT4MIX
0 = Mute
1 = Un-mute
Table 38 OUT3 and OUT4 Volume Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com