Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8991 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 174 page
background image
Pre-Production
WM8991
w
PP, May 2008, Rev 3.1
21
Test Conditions
DCVDD = 1.8V, DBVDD = 3.3V, AVDD = HPVDD = 3.3V, SPKVDD = 5V, TA = +25
oC, 1kHz signal, fs = 48kHz,
PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
G6
Headset Voice Call:
Tx Voice and Rx Voice Separation
1kHz full scale differential input on
RXP/RXN via RXVOICE to LOMIX
and ROMIX, output to LOUT and
ROUT; Quiescent input on LIN12
or RIN12 (Gain=+12dB),
differential output to LOP/LON or
ROP/RON; Measure crosstalk at
LOP/LON or ROP/RON output
-
+
+12dB
LIN12 or RIN12
(Single-ended or
differential mode)
0dB
LOPMIX or
ROPMIX
0dB
LOAD
+
0dB
+
0dB
LOMIX
ROMIX
Full scale
input
Quiescent input
RXVOICE
-
+
LIN1 or
RIN1
LIN2 or
RIN2
RXN
RXP
LOUT
ROUT
LOP or
ROP
LON or
RON
75
dB
G7
Stereo Line Record and Playback:
DAC/Headset to ADC Separation
-5dBFS input to DACs, playback
to LOUT and ROUT1; ADC record
from line input; Measure crosstalk
on ADC output
-5dBFS,
1kHz
-5dBFS,
1kHz
ROMIX
+
DACR
LOUTVOL
0dB
DACL
+
LOMIX
ROUTVOL
0dB
+
INMIXL or
INMIXR
ADCL or
ADCR
CROSSTALK
Quiescent
input
LOUT
ROUT
LIN2, LIN4,
RIN2 or RIN4
90
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com