Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8991 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8991 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 174 page
background image
w
WM8991
Mobile Multimedia CODEC with
Dual-Mode Class AB/D Speaker Driver
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews/
Pre-Production, May 2008, Rev 3.1
Copyright
©2008 Wolfson Microelectronics plc
DESCRIPTION
The WM8991 is a highly integrated ultra-low power hi-fi codec
designed for handsets rich in multimedia features such as
mobile TV, digital audio playback and gaming. Ultra-low power
and low noise interfaces to many other audio components in the
system are provided.
A powerful 1W speaker driver can operate in class D or AB
modes, providing total flexibility to the system designer. Low
leakage, high PSRR and pop/click suppression enable direct
battery connection for the speaker supply.
A very highly flexible input configuration supports multiple
microphone or line inputs (mono or stereo, single-ended or
differential).
Four headphone drivers support fully differential headset drive,
providing excellent crosstalk performance and bass response,
maximising stereo effects, and allowing the removal of large
and expensive headphone capacitors.
Stereo 24-bit sigma-delta ADCs and DACs provide hi-fi quality
audio record and playback, with a flexible digital audio interface
supporting most commonly-used clocking schemes. An
integrated low power PLL, an alternative DAC interface and
TDM support provide additional flexibility.
The WM8991 is supplied in very small and thin 5x5mm 65-ball
BGA package, ideal for use in portable systems.
FEATURES
DAC SNR 99dB (‘A’ weighted), THD -84dB at 48kHz, 3.3V
ADC SNR 94dB (‘A’ weighted), THD -82dB at 48kHz, 3.3V
Microphone interface (Up to four differential microphones)
1W Speaker driver
-
1W into 8
Ω BTL speaker at <0.1% THD
-
80dB PSRR @217Hz
-
<1uA leakage with direct battery connection
-
Software-selectable class D or AB mode
-
Filterless connection supported
-
Pop/Click suppression
Headphone / ear speaker drivers
-
40mW output power into 16
Ω at 3.3V
-
Fully differential and capless modes supported
-
Pop/Click suppression
4 Mono or stereo differential line outputs
Powerful GPIO functions
Ultra-low power consumption
-
8.3mW analogue voice call
-
13.7mW DAC playback to headphones
On-chip PLL provides flexible clocking scheme
Sample rates: 8, 11.025, 12, 16, 22.05, 24, 32, 44.1, 48kHz
65-ball 5x5mm BGA package
APPLICATIONS
Multimedia phones
GPS


Similar Part No. - WM8991

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
Audio Hub CODEC for Multimedia Phones
WM8994 WOLFSON-WM8994 Datasheet
3Mb / 359P
Multi-Channel Audio Hub CODEC for Smartphones
logo
Cirrus Logic
WM8994 CIRRUS-WM8994 Datasheet
11Mb / 363P
Multi-channel Audio Hub CODEC for Smartphones
Rev 4.6 JUL 18
WM8994ECS/R CIRRUS-WM8994ECS/R Datasheet
11Mb / 363P
Multi-channel Audio Hub CODEC for Smartphones
Rev 4.6 JUL 18
logo
Wolfson Microelectronic...
WM8998 WOLFSON-WM8998 Datasheet
4Mb / 307P
High Performance Audio Hub CODEC
More results

Similar Description - WM8991

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8983 WOLFSON-WM8983 Datasheet
1Mb / 8P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8983 WOLFSON-WM8983_06 Datasheet
1Mb / 123P
Mobile Multimedia CODEC with 1W Speaker Driver
WM8959 WOLFSON-WM8959 Datasheet
2Mb / 155P
Mobile Multimedia DAC with Dual-Mode Class AB/D Speaker Driver
WM8983 WOLFSON-WM8983_10 Datasheet
1Mb / 124P
Mobile Multimedia CODEC with 1W Speaker Driver
WM9001 WOLFSON-WM9001 Datasheet
507Kb / 25P
1W Dual-Mode Class AB/D Speaker Driver
logo
Cirrus Logic
WM9081 CIRRUS-WM9081 Datasheet
2Mb / 103P
Mono DAC with 2.6W Class AB/D Speaker Driver, Dynamic Range Controller and ReTune??Mobile Parametric Equalizer
WM8983 CIRRUS-WM8983 Datasheet
2Mb / 129P
Mobile Multimedia CODEC with 1W Speaker Driver
logo
Realtek Semiconductor C...
ALC5621 REALTEK-ALC5621_09 Datasheet
1Mb / 76P
I2S AUDIO CODEC 2.6W CLASS-AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5621-GR REALTEK-ALC5621-GR Datasheet
1Mb / 76P
I2S AUDIO CODEC 1.3W CLASS AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
ALC5622-GR REALTEK-ALC5622-GR Datasheet
1Mb / 73P
I2S AUDIO CODEC 1.3W CLASS AB/D MONO SPEAKER AMPLIFIER HEADPHONE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com