Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8991 Datasheet(PDF) 86 Page - Wolfson Microelectronics plc

Part # WM8991
Description  Mobile Multimedia CODEC with Dual-Mode Class AB/D Speaker Driver
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8991 Datasheet(HTML) 86 Page - Wolfson Microelectronics plc

Back Button WM8991 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 86Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 87Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 88Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 89Page - Wolfson Microelectronics plc WM8991 Datasheet HTML 90Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 174 page
background image
WM8991
Pre-Production
w
PP, May 2008, Rev 3.1
86
ALTERNATIVE DAC INTERFACE
The WM8991 may be configured to select between two different audio interfaces, providing the
capability to receive DAC input data via BCLK2, DACLRC2 and DACDAT2 instead of BCLK,
DACLRC and DACDAT. This selection is made by register bit AIF_SEL, as described in Table 45.
To use the alternative DAC interface, the following register settings are required:
•
AIF_TRIS = 0
•
AIF_SEL = 1
•
GPIO3_PU = 0, GPIO4_PU = 0, GPIO5_PU = 0
•
GPIO3_PD = 0, GPIO4_PD = 0, GPIO5_PD = 0
Note that additional devices can also be connected to the main interface pins using the TDM mode.
See "Digital Audio Interface" section for further details on controlling the audio interface pins.
The alternative DAC interface connection is illustrated in Figure 42.
DIGITAL AUDIO
INTERFACE
A-law and u-law support
TDM Support
GPIO
Alternative DAC Interface
Alternative MCLK
Button Control / Accessory Detect
Clock Output
Inverted ADCLRC
Processor #2
Processor #1
AIF_SEL
Figure 42 Alternative DAC Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com