Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72681 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST72681
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST72681 Datasheet HTML 2Page - STMicroelectronics ST72681 Datasheet HTML 3Page - STMicroelectronics ST72681 Datasheet HTML 4Page - STMicroelectronics ST72681 Datasheet HTML 5Page - STMicroelectronics ST72681 Datasheet HTML 6Page - STMicroelectronics ST72681 Datasheet HTML 7Page - STMicroelectronics ST72681 Datasheet HTML 8Page - STMicroelectronics ST72681 Datasheet HTML 9Page - STMicroelectronics ST72681 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Pin description
ST72681
6/32
Table 2.
Power supply
Pin
Pin name
Description
48
VSS_1
S
Ground
47
VDD33_1
S
I/Os and regulator supply voltage
33
VSS_2
S
Ground
32
VDD33_2
S
I/Os and regulator supply voltage
25
VSS_3
S
Ground
24
VDD33_3
S
I/Os and regulator supply voltage
14
VSS_4
S
Ground
15
VDD33_4
S
I/Os and regulator supply voltage
13
VDDOUSB
S
USB2 PHY, OSC and PLL power supply output (1.8 V)
Table 3.
USB 2.0 interface
Pin
Pin name
Description
12
VDDBL
S
Supply voltage for buffers and deserialization flip flops (1.8 V)
11
VSSBL
S
Ground for buffers and deserialization flip flops (1.8 V)
10
USBDM
I/O USB2 DATA -
9
USBDP
I/O USB2 DATA +
8
VDD3
S
Supply voltage for the FS compliance (3.3 V)
7
VDDC
S
Supply voltage for DLL & XOR tree (1.8 V)
6
VSSC
S
Ground for DLL & XOR tree (1.8 V)
5
RREF
I/O
Ref. resistor for integrated impedance process adaptation
(11.3 kOhms 1% pull down)
Table 4.
USB 2.0 and core clock system
Pin
Pin name
Description
4
VSSA
S
Ground for osc & PLL (1.8 V)
3
OSCOUT
O
12 MHz oscillator output
2
OSCIN
I
12 MHz oscillator input
1
VDDA
S
Supply voltage for osc & PLL (1.8 V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com