Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72681 Datasheet(PDF) 14 Page - STMicroelectronics

Part # ST72681
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button ST72681 Datasheet HTML 10Page - STMicroelectronics ST72681 Datasheet HTML 11Page - STMicroelectronics ST72681 Datasheet HTML 12Page - STMicroelectronics ST72681 Datasheet HTML 13Page - STMicroelectronics ST72681 Datasheet HTML 14Page - STMicroelectronics ST72681 Datasheet HTML 15Page - STMicroelectronics ST72681 Datasheet HTML 16Page - STMicroelectronics ST72681 Datasheet HTML 17Page - STMicroelectronics ST72681 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
Mass storage implementation
ST72681
14/32
5.3.1
Public drive
The public drive is the default configuration in a mono-LUN mode. In this default case, it is
declared as a removable drive.
The public drive is mandatory and can not be removed from the configuration. By
customization (using PC software), it can be declared as a removable drive, a CD-ROM
drive or a hard disk drive.
This drive is the LUN 0 in BOT commands.
5.3.2
Private drive
The Private drive is optional. Its type is “removable drive” and is not configurable.
This drive is protected by password and cannot be directly accessed through the PC
operating system. A PC software tool is necessary to send a command with the password to
unlock the device. The device is then open and accessible by the PC operating system until
reset or reception of a new command to lock the drive.
This drive is the LUN 1 in BOT commands.
5.3.3
Additional drive
The additional drive is optional. Its type can be “removable drive”, “hard disk drive” or “CD-
ROM drive”.
This drive is LUN 1 in BOT commands if the private drive option is not active, and is LUN 2 if
the private drive option is active.
5.3.4
CD-ROM considerations
When a drive is declared as CD-ROM, the ST72681/R21 manages this drive with a logical
block size of 2 Kbytes. To be correctly recognized by the host, it is preferable to build a
CDFS partition on this CD-ROM. See the ‘ST7268x Production Tool User Manual’ for more
information.
Note that the ST72681/R20 doesn’t consider the CD-ROM partition as a specific case. The
logical block size is 512 bytes and any file system can be used.
In both cases, the CD-ROM partition allows the use of the autorun operating system feature.
During device connection, the CD-ROM partition is recognized and the host tries to run the
application corresponding to the ‘autorun.inf’ file present into this CD-ROM partition.
5.4
Mass storage interface configuration
In addition to the parameters already described as configurable in the previous chapters,
additional customizable information includes:
●
USB parameters: VID, PID, all string information
●
SCSI parameters: strings for inquiry commands



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com