Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72681 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST72681
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST72681 Datasheet HTML 3Page - STMicroelectronics ST72681 Datasheet HTML 4Page - STMicroelectronics ST72681 Datasheet HTML 5Page - STMicroelectronics ST72681 Datasheet HTML 6Page - STMicroelectronics ST72681 Datasheet HTML 7Page - STMicroelectronics ST72681 Datasheet HTML 8Page - STMicroelectronics ST72681 Datasheet HTML 9Page - STMicroelectronics ST72681 Datasheet HTML 10Page - STMicroelectronics ST72681 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
ST72681
Pin description
7/32
Table 5.
General Purpose I/O Ports / Mass Storage I/Os
Pin name
Level
Main function
(after reset)
45
NAND D[0]
I/O
TT
D4 NAND Data [0]
44
NAND D[1]
I/O
TT
D4 NAND Data [1]
43
NAND D[2]
I/O
TT
D4 NAND Data [2]
42
NAND D[3]
I/O
TT
D4 NAND Data [3]
41
NAND D[4]
I/O
TT
D4 NAND Data [4]
40
NAND D[5]
I/O
TT
D4 NAND Data [5]
39
NAND D[6]
I/O
TT
D4 NAND Data [6]
38
NAND D[7]
I/O
TT
D4 NAND Data [7]
26
NAND ALE
I/O
TT
D8 NAND Address Latch Enable
22
NAND CLE
O
TT
D8 NAND Command Latch Enable
21
NAND WE
O
TT
D8 NAND WRite Enable
20
NAND RE
O
TT
D8 NAND read enable
19
NAND CE1
O
TT
D4 NAND Chip Enable 1
18
NAND CE2
O
TT
D4 NAND Chip Enable 2
17
NAND CE3
O
TT
D4 NAND Chip Enable 3
16
NAND CE4
O
TT
D4 NAND Chip Enable 4
37
NAND RnB
I
TT
D2 NAND Ready/Busy
36
NAND WP
O
TT
D2 NAND Write Protect
35
READ ONLY
I
TT
D2 Read -only switch (“0”: Read/Write; “1”: Read only)
34
EEPROM SCL
O
TT
D2 EEPROM serial clock
28
LED2
O
TT
D8 Green LED (USB access)
27
LED1
O
TT
D8 Red LED (NAND memory access)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com