Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72681 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST72681
Description  USB 2.0 high-speed Flash drive controller
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72681 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST72681 Datasheet HTML 7Page - STMicroelectronics ST72681 Datasheet HTML 8Page - STMicroelectronics ST72681 Datasheet HTML 9Page - STMicroelectronics ST72681 Datasheet HTML 10Page - STMicroelectronics ST72681 Datasheet HTML 11Page - STMicroelectronics ST72681 Datasheet HTML 12Page - STMicroelectronics ST72681 Datasheet HTML 13Page - STMicroelectronics ST72681 Datasheet HTML 14Page - STMicroelectronics ST72681 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
ST72681
NAND interface
11/32
4.3.2
Bad block replacement
The firmware works with groups of 1024 blocks, called zones. A complete NAND
configuration can contain several zones.
Each zone is described in a Look Up Table (LUT) containing 1024 entries. A LUT is
composed of 3 parts: used blocks, free blocks and bad blocks.
●
The “bad blocks” part contains as many entries as the number of bad blocks identified
in that zone.
●
The “used blocks” part can have a size of 1000, 900 or 500 entries. This size is
configurable and also depends on the number of identified bad blocks.
●
The “free blocks” part contains the remaining entries.
The used blocks part is used to do a correspondence between NAND blocks and logical
address ranges.
This system allows all bad blocks to be masked from the Host. As a result, bad blocks are
never seen. Only a range of logical addresses are visible which correspond to the sum of
the used blocks part of all zones.
4.3.3
Late fail block
During normal application life, defects can appear in the NAND memory. Under certain
conditions, these defects are not correctable and the corresponding block is declared as
“bad”.
In this case, new bad blocks are identified in the bad blocks part of the LUT and replaced by
new blocks from the “free blocks” part.
4.4
Wear levelling
During normal application life, the NAND is written and erased (by block) many times. The
NAND device is guaranteed for a limited number of writes (about 100 000 cycles). As a
consequence, the controller must keep write/erase operations to a minimum for any
individual block.
A method to limit these cycles is to use a “Wear Levelling” scheme between all NAND
blocks.
4.4.1
LUT usage
The LUT is used for transfers between a logical address range and a block. It contains free
blocks which are used in the “wear levelling” scheme.
During write command treatment, the firmware calculates the zones, blocks and pages for
data write access. In a block write operation, the firmware applies the following scheme to
avoid block wearing:
●
The least recently-used block is chosen from the free block part of the LUT.
●
Valid data from the old block is copied to the new block.
●
New data from the write command is written to the new block.
●
The old block is erased.
●
The LUT is updated after identifying the new block in the used block part and the old
block in the free block part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com