Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA2L2 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 28Page - Renesas Technology Corp RA2L2 Datasheet HTML 29Page - Renesas Technology Corp RA2L2 Datasheet HTML 30Page - Renesas Technology Corp RA2L2 Datasheet HTML 31Page - Renesas Technology Corp RA2L2 Datasheet HTML 32Page - Renesas Technology Corp RA2L2 Datasheet HTML 33Page - Renesas Technology Corp RA2L2 Datasheet HTML 34Page - Renesas Technology Corp RA2L2 Datasheet HTML 35Page - Renesas Technology Corp RA2L2 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 108 page
background image
Vr(VCC)
VCC
1 / fr(VCC)
Figure 2.2
Ripple waveform
2.2.7
Thermal Characteristics
Maximum value of junction temperature (Tj) must not exceed the value of section 2.2.1. Tj/Ta Definition.
Tj is calculated by either of the following equations.
● Tj = Ta + θja × Total power consumption
● Tj = Tt + Ψjt × Total power consumption
Tj : Junction temperature (°C)
Ta : Ambient temperature (°C)
Tt : Top center case temperature (°C)
θja : Thermal resistance of “Junction”-to-“Ambient” (°C/W)
Ψjt : Thermal resistance of “Junction”-to-“Top center case” (°C/W)
● Total power consumption = Voltage × (Leakage current + Dynamic current)
● Leakage current of IO = Σ (IOL × VOL) / Voltage + Σ (|IOH| × |VCC – VOH|) / Voltage
● Dynamic current of IO = Σ IO (Cin + Cload) × IO switching frequency × Voltage
Cin: Input capacitance
Cload: Output capacitance
Regarding θja and Ψjt, see Table 2.15.
Table 2.15
Thermal resistance
Parameter
Package
Symbol
Value*1
Unit
Test conditions
Thermal resistance
32-pin HWQFN
θja
22.5
°C/W
JESD 51-2 and 51-7
compliant
48-pin HWQFN
19.0
32-pin LQFP
60.9
48-pin LQFP
62.4
64-pin LQFP 0.5mm
pitch
53.6
32-pin HWQFN
Ψjt
0.20
°C/W
JESD 51-2 and 51-7
compliant
48-pin HWQFN
0.18
32-pin LQFP
2.50
48-pin LQFP
2.50
64-pin LQFP 0.5mm
pitch
2.00
Note 1. The values are reference values when the 4-layer board is used. Thermal resistance depends on the number of layers or size of the
board. For details, see the JEDEC standards.
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 32 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com