Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA2L2 Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 81Page - Renesas Technology Corp RA2L2 Datasheet HTML 82Page - Renesas Technology Corp RA2L2 Datasheet HTML 83Page - Renesas Technology Corp RA2L2 Datasheet HTML 84Page - Renesas Technology Corp RA2L2 Datasheet HTML 85Page - Renesas Technology Corp RA2L2 Datasheet HTML 86Page - Renesas Technology Corp RA2L2 Datasheet HTML 87Page - Renesas Technology Corp RA2L2 Datasheet HTML 88Page - Renesas Technology Corp RA2L2 Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 108 page
background image
Table 2.56
Power-on reset circuit and voltage detection circuit characteristics (2) (2 of 2)
Parameter
Symbol
Min
Typ
Max
Unit
Test conditions
Power-on reset enable time
tW (POR)
1
—
—
ms
Figure 2.58, VCC = below 1.0
V
LVD1 operation stabilization time (after LVD1 is
enabled)
Td (E-A)
—
—
300
µs
Figure 2.60
LVD2 operation stabilization time (after LVD2 is
enabled)
Td (E-A)
—
—
1200
µs
Figure 2.61
Hysteresis width (POR)
VPORH
—
10
—
mV
—
Hysteresis width (LVD0, LVD1 and LVD2)
VLVH
—
60
—
mV
LVD0 selected
—
110
—
Vdet1_0 to Vdet1_2 selected
—
70
—
Vdet1_3 to Vdet1_9 selected
—
60
—
Vdet1_A to Vdet1_B selected
—
50
—
Vdet1_C to Vdet1_F selected
—
90
—
LVD2 selected
Note 1. When OFS1.LVDAS = 0.
Note 2. When OFS1.LVDAS = 1.
Note 3. The minimum VCC down time indicates the time when VCC is below the minimum value of voltage detection levels VPOR, Vdet0,
Vdet1, and Vdet2 for the POR/LVD.
Internal reset signal
(active-low)
VCC
tVOFF
tPOR
tdet
VPOR
tdet
1.0 V
Figure 2.57
Voltage detection reset timing
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 85 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com