Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA2L2 Datasheet(PDF) 69 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 69 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 65Page - Renesas Technology Corp RA2L2 Datasheet HTML 66Page - Renesas Technology Corp RA2L2 Datasheet HTML 67Page - Renesas Technology Corp RA2L2 Datasheet HTML 68Page - Renesas Technology Corp RA2L2 Datasheet HTML 69Page - Renesas Technology Corp RA2L2 Datasheet HTML 70Page - Renesas Technology Corp RA2L2 Datasheet HTML 71Page - Renesas Technology Corp RA2L2 Datasheet HTML 72Page - Renesas Technology Corp RA2L2 Datasheet HTML 73Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
Table 2.39
SSIE timing (2 of 2)
Conditions: VCC = 2.7 to 5.5 V
(1) Use pins that have a letter appended to their names, for instance “_A” or “_B” to indicate group membership. For the SSIE interface, the
AC portion of the electrical characteristics is measured for each group.
Parameter
Symbol
Target specification
Unit
Test conditions
Min
Max
SSILRCK0/
SSIFS0,
SSITXD0,
SSIRXD0
Input set up time
Master
tSR
40
—
ns
Figure 2.47,
Figure 2.48
Slave
12
—
ns
Input hold time
Master
tHR
10
—
ns
Slave
18
—
ns
Output delay time
Master
tDTR
0
20
ns
Slave
0
50
ns
Output delay time
from SSILRCK0/ SSIFS0
change
Slave
tDTRW
0
50
ns
Figure 2.47,
Figure 2.48
GTIOC4A,
AUDIO_CLK
Cycle
tEXcyc
31.25
—
ns
Figure 2.46
High level/ Low level
tEXL/tEXH
0.4
0.6
tEXcyc
SSIBCK0
tHC
tO, tI
tLC
tRC
tFC
Figure 2.45
SSIE clock input/output timing
GTIOC4A,
AUDIO_CLK
(input)
tEXH
tEXL
tEXr
tEXcyc
tEXf
1/2 VCC
Figure 2.46
Clock input timing
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 69 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com