Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA2L2 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RA2L2
Description  Renesas Microcontrollers
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RA2L2 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RA2L2 Datasheet HTML 17Page - Renesas Technology Corp RA2L2 Datasheet HTML 18Page - Renesas Technology Corp RA2L2 Datasheet HTML 19Page - Renesas Technology Corp RA2L2 Datasheet HTML 20Page - Renesas Technology Corp RA2L2 Datasheet HTML 21Page - Renesas Technology Corp RA2L2 Datasheet HTML 22Page - Renesas Technology Corp RA2L2 Datasheet HTML 23Page - Renesas Technology Corp RA2L2 Datasheet HTML 24Page - Renesas Technology Corp RA2L2 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 108 page
background image
2.2.2
I/O VIH, VIL
Table 2.4
I/O VIH, VIL
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Ports & Functions
Symbol
Min
Max
Unit
Test conditions
Input voltage
Input ports pins
P000 to P004, P010 to
P015
VIH
AVCC0 × 0.8
—
V
—
VIL
—
AVCC0 × 0.2
Input ports pins except for
P000 to P004, P010 to
P015
VIH
VCC × 0.8
—
VIL
—
VCC × 0.2
EXTAL
VIH
VCC × 0.8
—
VIL
—
VCC × 0.2
5 V-tolerant ports*2
VIH
VCC × 0.8
5.8
VIL
—
VCC × 0.2
RES, NMI, IRQ
VIH
VCC × 0.8
—
VIL
—
VCC × 0.2
ΔVT*4
VCC × 0.10
—
VCC = 2.7 to 5.5 V
VCC × 0.05
—
VCC = 1.6 to 2.7 V
Peripheral
functions
AGT,
GPT,
SPI,
Others
*3
VIH
VCC × 0.8
—
—
VIL
—
VCC × 0.2
ΔVT*4
VCC × 0.10
—
VCC = 2.7 to 5.5 V
VCC × 0.05
—
VCC = 1.6 to 2.7 V
I3C
(except
for
SMBus
)*1
VIH
VCC × 0.7
5.8
—
VIL
—
VCC × 0.3
ΔVT*4
VCC × 0.10
—
VCC = 2.7 to 5.5 V
VCC × 0.05
—
VCC = 1.6 to 2.7 V
I3C
(SMBu
s)*1
VIH
2.2
—
VCC = 3.6 to 5.5 V
VIL
2.0
—
VCC = 2.7 to 3.6 V
VIL
—
0.8
VCC = 3.6 to 5.5 V
VIL
—
0.5
VCC = 2.7 to 3.6 V
Note 1. SCL0_A, SDA0_A, SCL0_B, SDA0_B, SCL0_C, SDA0_C (total 6 pins)
Note 2. P400, P401, P407, P109, P110, P912, and P913 (total 7 pins)
Note 3. See section x.x Peripheral Select Settings for Each Product.
Note 4. I/O port with ΔVT has Schmitt Trigger capability when PMR = 1 or ISEL = 1. For peripheral selection, see section x.x Peripheral
Select Settings for Each Product.
RA2L2 Datasheet
2. Electrical Characteristics
R01DS0445EJ0120 Rev.1.20
Jun 9, 2026
Page 21 of 108



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com