Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFM Datasheet(PDF) 44 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 44 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 40Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 41Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 42Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 43Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 44Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 45Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 46Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 47Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 48Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 114 page
background image
2.3.8
SCI Timing
Table 2.31
SCI timing (1)
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Max
Unit
Test
conditions
SCI
Input clock cycle
Asynchronous
2.7 V ≤ VCC ≤ 5.5 V
tScyc
125
—
ns
Figure 2.20
2.4 V ≤ VCC < 2.7 V
250
—
1.8 V ≤ VCC < 2.4 V
500
—
1.6 V ≤ VCC < 1.8 V
1000
—
Clock
synchronous
2.7 V ≤ VCC ≤ 5.5 V
187.5
—
2.4 V ≤ VCC < 2.7 V
375
—
1.8 V ≤ VCC < 2.4 V
750
—
1.6 V ≤ VCC < 1.8 V
1500
—
Input clock pulse width
tSCKW
0.4
0.6
tScyc
Input clock rise time
tSCKr
—
20
ns
Input clock fall time
tSCKf
—
20
ns
Output clock cycle
Asynchronous
2.7 V ≤ VCC ≤ 5.5 V
tScyc
187.5
—
ns
2.4 V ≤ VCC < 2.7 V
375
—
1.8 V ≤ VCC < 2.4 V
750
—
1.6 V ≤ VCC < 1.8 V
1500
—
Clock
synchronous
2.7 V ≤ VCC ≤ 5.5 V
125
—
2.4 V ≤ VCC < 2.7 V
250
—
1.8 V ≤ VCC < 2.4 V
500
—
1.6 V ≤ VCC < 1.8 V
1000
—
Output clock pulse width
tSCKW
0.4
0.6
tScyc
Output clock rise time
1.8 V ≤ VCC ≤ 5.5 V
tSCKr
—
20
ns
1.6 V ≤ VCC < 1.8 V
—
30
Output clock fall time
1.8 V ≤ VCC ≤ 5.5 V
tSCKf
—
20
ns
1.6 V ≤ VCC < 1.8 V
—
30
Transmit data delay
time (master)
Clock
synchronous
1.8 V ≤ VCC ≤ 5.5 V
tTXD
—
40
ns
Figure 2.21
1.6 V ≤ VCC < 1.8 V
—
45
Transmit data delay
time (slave)
Clock
synchronous
2.7 V ≤ VCC ≤ 5.5 V
—
55
ns
2.4 V ≤ VCC < 2.7 V
—
60
1.8 V ≤ VCC < 2.4 V
—
100
1.6 V ≤ VCC < 1.8 V
—
125
Receive data setup
time (master)
Clock
synchronous
2.7 V ≤ VCC ≤ 5.5 V
tRXS
45
—
ns
2.4 V ≤ VCC < 2.7 V
55
—
1.8 V ≤ VCC < 2.4 V
90
—
1.6 V ≤ VCC < 1.8 V
110
—
Receive data setup
time (slave)
Clock
synchronous
2.7 V ≤ VCC ≤ 5.5 V
40
—
ns
1.6 V ≤ VCC < 2.7 V
45
—
Receive data hold
time (master)
Clock synchronous
tRXH
5
—
ns
Receive data hold
time (slave)
Clock synchronous
tRXH
40
—
ns
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 44 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com