Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFM Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button R7FA2L1AB2DFM Datasheet HTML 18Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 19Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 20Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 21Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 22Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 23Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 24Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 25Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 114 page
background image
2.2.1
Tj/Ta Definition
Table 2.4
DC characteristics
Conditions: Products with operating temperature (Ta) -40 to +105°C
Parameter
Symbol
Typ
Max
Unit
Test conditions
Permissible junction temperature
Tj
—
125
°C
High-speed mode
Middle-speed mode
Low-speed mode
Subosc-speed mode
105*1
Note:
Make sure that Tj = Ta + θja × total power consumption (W), where total power consumption = (VCC - VOH) × ΣIOH + VOL × ΣIOL +
ICCmax × VCC.
Note 1. The upper limit of operating temperature is 85°C or 105°C, depending on the product. If the part number shows the operation
temperature at 85°C, then the maximum value of Tj is 105°C, otherwise it is 125°C.
2.2.2
I/O VIH, VIL
Table 2.5
I/O VIH, VIL
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter Ports & Functions
Symbol
Min
Max
Unit
Test Conditions
Input
voltage
Input ports pins
P000 to P008, P010 to P015
VIH
AVCC0 × 0.8
—
V
—
VIL
—
AVCC0 × 0.2
Input ports pins except for
P000 to P008, P010 to P015
VIH
VCC × 0.8
—
VIL
—
VCC × 0.2
EXTAL
VIH
VCC × 0.8
—
VIL
—
VCC × 0.2
5V-tolerant ports*3
VIH
VCC × 0.8
5.8
VIL
—
VCC × 0.2
RES, NMI, IRQ
VIH
VCC × 0.8
—
VIL
—
VCC × 0.2
ΔVT*5
VCC × 0.10
—
VCC = 2.7 to 5.5 V
VCC × 0.05
—
VCC = 1.6 to 2.7 V
Peripheral
functions
AGT, GPT,
SPI, Others*4
VIH
VCC × 0.8
—
—
VIL
—
VCC × 0.2
ΔVT*5
VCC × 0.10
—
VCC = 2.7 to 5.5 V
VCC × 0.05
—
VCC = 1.6 to 2.7 V
IIC (except for
SMBus)*1
VIH
VCC × 0.7
5.8
—
VIL
—
VCC × 0.3
ΔVT*5
VCC × 0.10
—
VCC = 2.7 to 5.5 V
VCC × 0.05
—
VCC = 1.6 to 2.7 V
IIC (SMBus)*2 VIH
2.2
—
VCC = 3.6 to 5.5 V
VIL
2.0
—
VCC = 2.7 to 3.6 V
VIL
—
0.8
VCC = 3.6 to 5.5 V
VIL
—
0.5
VCC = 2.7 to 3.6 V
Note 1. SCL0_A, SDA0_A, SDA0_B, SCL1_A, SDA1_A (total 5 pins)
Note 2. SCL0_A, SCL0_B, SCL0_C, SDA0_A, SDA0_B, SCL1_A, SCL1_B, SDA1_A, SDA1_B (total 9 pins)
Note 3. P205, P206, P400, P401, P407 (total 5 pins)
Note 4. See section x.x Peripheral Select Settings for Each Product.
Note 5. I/O Port with ΔVT has Schmitt Trigger capability when PMR = 1 or ISEL = 1. For peripheral selection, see section x.x Peripheral
Select Settings for Each Product
RA2L1 Datasheet
2. Electrical Characteristics
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 22 of 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com