Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R7FA2L1AB2DFM Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R7FA2L1AB2DFM
Description  Renesas Microcontrollers
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FA2L1AB2DFM Datasheet(HTML) 1 Page - Renesas Technology Corp

  R7FA2L1AB2DFM Datasheet HTML 1Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 2Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 3Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 4Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 5Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 6Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 7Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 8Page - Renesas Technology Corp R7FA2L1AB2DFM Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 114 page
background image
RA2L1 Group
Renesas Microcontrollers
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 256-KB code flash memory, 32 KB SRAM, Capacitive Sensing Unit
(CTSU2), 12-bit A/D Converter, 12-bit D/A Converter, Security and Safety features.
Features
R01DS0385EJ0160
Rev.1.60
Oct 14, 2025
■ Arm Cortex-M23 Core
● Armv8-M architecture
● Maximum operating frequency: 48 MHz
● Arm Memory Protection Unit (Arm MPU) with 8 regions
● Debug and Trace: DWT, FPB, CoreSight™ MTB-M23
● CoreSight Debug Port: SW-DP
■ Memory
● Up to 256-KB code flash memory
● 8-KB data flash memory (100,000 program/erase (P/E) cycles)
● 32 KB SRAM
● Memory protection units
● 128-bit unique ID
■ Connectivity
● Serial Communications Interface (SCI) × 5
– Asynchronous interfaces
– 8-bit clock synchronous interface
– Simple IIC
– Simple SPI
– Smart card interface
● Serial Peripheral Interface (SPI) × 2
● I2C bus interface (IIC) × 2
● CAN module (CAN)
■ Analog
● 12-bit A/D Converter (ADC12)
● 12-bit D/A Converter (DAC12)
● Low-Power Analog Comparator (ACMPLP) × 2
● Temperature Sensor (TSN)
■ Timers
● General PWM Timer 32-bit (GPT32) × 4
● General PWM Timer 16-bit (GPT16) × 6
● Low Power Asynchronous General Purpose Timer (AGT) × 2
● Watchdog Timer (WDT)
■ Safety
● ECC in SRAM
● SRAM parity error check
● Flash area protection
● ADC self-diagnosis function
● Clock Frequency Accuracy Measurement Circuit (CAC)
● Cyclic Redundancy Check (CRC) calculator
● Data Operation Circuit (DOC)
● Port Output Enable for GPT (POEG)
● Independent Watchdog Timer (IWDT)
● GPIO readback level detection
● Register write protection
● Main oscillator stop detection
● Illegal memory access
■ Security and Encryption
● AES128/256
● True Random Number Generator (TRNG)
■ System and Power Management
● Low power modes
● Switching regulator
● Realtime Clock (RTC)
● Event Link Controller (ELC)
● Data Transfer Controller (DTC)
● Key Interrupt Function (KINT)
● Power-on reset
● Low Voltage Detection (LVD) with voltage settings
■ Human Machine Interface (HMI)
● Capacitive Sensing Unit (CTSU2)
■ Multiple Clock Sources
● Main clock oscillator (MOSC) (1 to 20 MHz)
● Sub-clock oscillator (SOSC) (32.768 kHz)
● High-speed on-chip oscillator (HOCO) (24/32/48/64 MHz)
● Middle-speed on-chip oscillator (MOCO) (8 MHz)
● Low-speed on-chip oscillator (LOCO) (32.768 kHz)
● Clock trim function for HOCO/MOCO/LOCO
● IWDT-dedicated on-chip oscillator (15 kHz)
● Clock out support
■ Up to 85 pins for general I/O ports
● 5-V tolerance, open drain, input pull-up
■ Operating Voltage
● VCC: 1.6 to 5.5 V
■ Operating Temperature and Packages
● Ta = -40℃ to +85℃
– 100-pin LQFP (14 mm × 14 mm, 0.5 mm pitch)
– 80-pin LQFP (12 mm × 12 mm, 0.5 mm pitch)
– 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
– 48-pin LQFP (7 mm × 7 mm, 0.50 mm pitch)
– 48-pin HWQFN (7 mm × 7 mm, 0.50 mm pitch)
● Ta = -40℃ to +105℃
– 100-pin LQFP (14 mm × 14 mm, 0.5 mm pitch)
– 80-pin LQFP (12 mm × 12 mm, 0.5 mm pitch)
– 64-pin LQFP (10 mm × 10 mm, 0.5 mm pitch)
– 48-pin LQFP (7 mm × 7 mm, 0.50 mm pitch)
– 48-pin HWQFN (7 mm × 7 mm, 0.50 mm pitch)
Datasheet
R01DS0385EJ0160 Rev.1.60
Oct 14, 2025
Page 1 of 114


Similar Part No. - R7FA2L1AB2DFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R7FA2L1AB2DFM RENESAS-R7FA2L1AB2DFM Datasheet
1Mb / 110P
Ultra low power 48 MHz Arm짰 Cortex-M23 core, up to 256-KB code flash memory
R7FA2L1AB2DFM RENESAS-R7FA2L1AB2DFM Datasheet
1Mb / 111P
Ultra low power 48 MHz Arm® Cortex®-M23 core, up to 256-KB code flash memory, 32 KB SRAM, Capacitive Sensing Unit (CTSU2), 12-bit A/D Converter, 12-bit D/A Converter, Security and Safety features.
May 20, 2022
More results

Similar Description - R7FA2L1AB2DFM

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
16C6N4 RENESAS-16C6N4 Datasheet
687Kb / 92P
Renesas MCU
R32C111 RENESAS-R32C111 Datasheet
974Kb / 84P
RENESAS MCU
UPD70F3741GC RENESAS-UPD70F3741GC Datasheet
10Mb / 889P
RENESAS MCU V850ES/JG3 Microcontrollers
UPD70F3786GJ-GAE-AX RENESAS-UPD70F3786GJ-GAE-AX Datasheet
9Mb / 1817P
RENESAS MCU V850ES/Jx3-E Microcontrollers
UPD70F3793GC-UEU-AX RENESAS-UPD70F3793GC-UEU-AX Datasheet
6Mb / 1113P
RENESAS MCU V850ES/Jx3-L Microcontrollers
RA6T2 RENESAS-RA6T2 Datasheet
1Mb / 93P
Renesas Microcontrollers
Mar 31, 2022
R01DS0410EJ0110 RENESAS-R01DS0410EJ0110 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
R01DS0413EJ0110 RENESAS-R01DS0413EJ0110 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA4E2 RENESAS-RA4E2 Datasheet
2Mb / 90P
Renesas Microcontrollers
Feb 28, 2023
RA6E2 RENESAS-RA6E2 Datasheet
1Mb / 92P
Renesas Microcontrollers
Feb 28, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com